Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORT43SBCGGO Datasheet(PDF) 1 Page - Bedford Opto Technology Ltd.

Part # ORT43SBCGGO
Description  3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

ORT43SBCGGO Datasheet(HTML) 1 Page - Bedford Opto Technology Ltd.

  ORT43SBCGGO Datasheet HTML 1Page - Bedford Opto Technology Ltd. ORT43SBCGGO Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.54
3.68
2.54
0.5
3.0
4.32
14.1
'A'
3 pitches 1.9
6.22
LED PROTRUSION
RED,YELLOW,GREEN 'A'=0.2
RED/GREEN BI-COLOUR 'A'=1.1
POSITION
W
X
Y
Z
+
-
The ORT43S is a 3mm LED Circuit Board
Indicator Quad Level, and allows for LED
mounting at 90 deg to a PCB. The housing is
moulded in Black Nylon 6 which is flame
retardant.
Extended housing eliminates light bleed
Housing assures proper LED alignment
Single PC Board insertion – 4 LEDs
Black case enhances contrast
Baseplate ensure accurate pin alignment for
easy board insertion.
Equivalent to Dialight 568-221X series
ORT43S
3mm LED CIRCUIT
BOARD INDICATOR
4 TIER SHROUDED
MECHANICAL DATA
BEDFORD OPTO TECHNOLOGY LTD
1 BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
3.4.01 ISS C
Pb
This
component
is RoHS
compliant


Similar Part No. - ORT43SBCGGO

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ORT42G5 LATTICE-ORT42G5 Datasheet
1Mb / 119P
   0.6 to 3.7 Gbps XAUI and FC FPSCs
ORT42G5-1BM484C LATTICE-ORT42G5-1BM484C Datasheet
1Mb / 119P
   0.6 to 3.7 Gbps XAUI and FC FPSCs
ORT42G5-1BM484I LATTICE-ORT42G5-1BM484I Datasheet
1Mb / 119P
   0.6 to 3.7 Gbps XAUI and FC FPSCs
ORT42G5-1BMN484C LATTICE-ORT42G5-1BMN484C Datasheet
1Mb / 119P
   0.6 to 3.7 Gbps XAUI and FC FPSCs
ORT42G5-1BMN484I LATTICE-ORT42G5-1BMN484I Datasheet
1Mb / 119P
   0.6 to 3.7 Gbps XAUI and FC FPSCs
More results

Similar Description - ORT43SBCGGO

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
ORT2200 BOT-ORT2200 Datasheet
47Kb / 2P
   1.8mm LED 2 TIER CIRCUIT BOARD INDICATOR
SSA340 BOT-SSA340 Datasheet
34Kb / 2P
   5mm SHROUDED LED CIRCUIT BOARD INDICATOR
SSA273 BOT-SSA273 Datasheet
31Kb / 2P
   SINGLE TIER 5mm 3 LEADED TRI-COLOUR CIRCUIT BOARD INDICATOR,SHROUDED
ORE9801 BOT-ORE9801 Datasheet
50Kb / 2P
   3mm CIRCUIT BOARD INDICATOR
ORE9601 BOT-ORE9601 Datasheet
57Kb / 2P
   3mm CIRCUIT BOARD INDICATOR
ORE9901 BOT-ORE9901 Datasheet
50Kb / 2P
   3mm LED CIRCUIT INDICATOR
logo
Everlight Electronics C...
A2774B-SYG-S530-E2 EVERLIGHT-A2774B-SYG-S530-E2 Datasheet
97Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A2794B-UTCSUBC-S400-A4 EVERLIGHT-A2794B-UTCSUBC-S400-A4 Datasheet
132Kb / 8P
   3mm 2Pcs Circuit Board Indicator
A274B-SYG-S530-E2 EVERLIGHT-A274B-SYG-S530-E2 Datasheet
97Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A274B-SYG-S530-E2 EVERLIGHT-A274B-SYG-S530-E2_15 Datasheet
97Kb / 6P
   3mm 1Pcs Circuit Board Indicator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com