Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTH12030WAS Datasheet(PDF) 1 Page - Emerson Network Power

Part # PTH12030WAS
Description  DC-DC CONVERTERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PTH12030WAS Datasheet(HTML) 1 Page - Emerson Network Power

  PTH12030WAS Datasheet HTML 1Page - Emerson Network Power PTH12030WAS Datasheet HTML 2Page - Emerson Network Power PTH12030WAS Datasheet HTML 3Page - Emerson Network Power PTH12030WAS Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
All specifications are typical at nominal input, full load at 25 °C unless otherwise stated
Cin = 560 µF, Cout = 0 µF
DC-DC CONVERTERS
POLA Non-isolated
1
NEW Product
File Name: pth12030.pdf Rev (07): 19 Dec 2005
The PTH12030 is a next generation series of non-isolated dc-dc converters offering
some of the most advanced POL features available in the industry. The primary new
feature provides for sequencing between multiple modules, a function, which is
becoming a necessity for powering advanced silicon including DSP’s, FPGA’s and
ASIC’s requiring controlled power-up and power-down Other industry leading features
include margin up/down controls and efficiencies up to 94.5%. The PTH12030 has an
input voltage of 10.2 Vdc to 13.8 Vdc and offers a wide output voltage range
adjustable with external trim resistor, allowing for maximum design flexibility and a
pathway for future upgrades.
26 A output current
12 V input voltage
Wide-output voltage adjust
1.2 Vdc to 5.5 Vdc for suffix ‘W’ and
0.8 Vdc to 1.8 Vdc for suffix ‘L’
Auto-track™ sequencing*
Margin up/down controls
Efficiencies up 94.5%
Output ON/OFF inhibit
Output voltage sense
Point-of-Load-Alliance (POLA) compatible
Available RoHS compliant
*Auto-track™ is a trade mark of
Texas Instruments
2 YEAR WARRANTY
PTH12030
12 Vin single output
SPECIFICATIONS
OUTPUT SPECIFICATIONS
Voltage adjustability
Suffix ‘W’
1.2-5.5 Vdc
(See Note 4)
Suffix ‘L’
0.8-1.8 Vdc
Setpoint accuracy
±2.0% Vo
Line regulation
±5 mV typ.
Load regulation
±5 mV typ.
Total regulation
±3.0% Vo
Minimum load
0 A
Ripple and noise
Suffix ‘W’
25 mV pk-pk
20 MHz bandwidth
Suffix ‘L’
15 mV pk-pk
(See Note 8)
Temperature co-efficient
-40 ºC to +85 ºC
±0.5% Vo
Transient response
50 µs recovery time
(See Note 5)
Overshoot/undershoot 150 mV
Margin adjustment
±5.0% Vo
INPUT SPECIFICATIONS
Input voltage range
(See Note 3)
10.2-13.8 Vdc
Input current
No load
10 mA typ.
Remote ON/OFF
(See Note 1)
Positive logic
Start-up time
1 V/ms
Undervoltage lockout
8.5-9.5 V typ.
Track input voltage
Pin 11 (See Note 6)
±0.3 Vin
International Safety Standard Approvals
UL/cUL CAN/CSA-C22.2 No. 60950-1-03/UL 60950-1,
File No. E174104
TÜV Product Service (EN60950) Certificate No. B 04 06 38572 044
CB Report and Certificate to IEC60950, Certificate No.
US/8292/UL
EMC CHARACTERISTICS
Electrostatic discharge
EN61000-4-2, IEC801-2
Conducted immunity
EN61000-4-6
Radiated immunity
EN61000-4-3
GENERAL SPECIFICATIONS
Efficiency
See Tables on page 2
Insulation voltage
Non-isolated
Switching frequency
Over Vin and Io ranges
575 kHz typ.
Approvals and
EN60950
standards (pending)
UL/cUL60950
Material flammability
UL94V-0
Dimensions
(L x W x H)
34.80 x 28.45 x 9.00 mm
1.370 x 1.120 x 0.354 in
Weight
7 g (0.25 oz)
MTBF
Telcordia SR-332
2,821,000 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
-40 ºC to +85 ºC
(See Note 2)
temperature
Non-operating
-40 ºC to +125 ºC
MSL (‘Z’ suffix only)
JEDEC J-STD-020C
Level 3
PROTECTION
Short-circuit
Auto reset
40 A typ.
Thermal
Auto recovery


Similar Part No. - PTH12030WAS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12030WAS TI-PTH12030WAS Datasheet
823Kb / 26P
[Old version datasheet]   26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12030WAST TI-PTH12030WAST Datasheet
823Kb / 26P
[Old version datasheet]   26-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results

Similar Description - PTH12030WAS

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com