Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D32A5110 Datasheet(PDF) 1 Page - celduc-relais

Part # D32A5110
Description  DUAL IN LINE REED RELAY / 2 normally open contacts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CELDUC [celduc-relais]
Direct Link  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

D32A5110 Datasheet(HTML) 1 Page - celduc-relais

  D32A5110 Datasheet HTML 1Page - celduc-relais D32A5110 Datasheet HTML 2Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
page 1 / 2 F/GB
D/SEC/D32A*1*0/D/30/12/2005
r
e
l
a
i
s
All technical caracteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
PPP
Prrrroooouuuudddd ttttoooo sssseeeerrrrvvvveeee yyyyoooouuuu
celduc
RELAIS REED DUAL IN LINE / deux contacts travail
DUAL IN LINE REED RELAY / 2 normally open contacts
D32A . 1 . 0
SCHEMA DE BORNAGE - ENCOMBREMENT / PIN CONFIGURATION - DIMENSIONS
19,1
2,54
15,24
0,51
6,6
0,25
7,6
9,5 max
D
12 +
6 -7
14 13
9
8
REFERENCES
D32A . 1 . 0
Tension
Options
nominale
Nominal input
Options
2 ou 3 --> 5 V =
0 --> sans / without option
5 --> 12 V =
1 --> diode ( D )
7 --> 24 V =
Références disponibles / Available references
D32A2100 - D32A3100-D32A3110
D32A5100 - D32A5110
D32A7110
Pour d'autres types ou utilisations , nous consulter / For others, please contact us
vue de dessus / up view


Similar Part No. - D32A5110

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
D32 EIC-D32 Datasheet
112Kb / 1P
   BI-DIRECTIONAL TRIGGER DIACS
Rev. 01 : March 03, 2021
logo
Tyco Electronics
D3200T MACOM-D3200T Datasheet
3Mb / 22P
   D-3000 Series (Wire-to-Board, Wire-to-Panel and Wire-to-Wire)
D3202 MACOM-D3202 Datasheet
2Mb / 11P
   FX2 Relay
D3204 MACOM-D3204 Datasheet
2Mb / 11P
   FX2 Relay
D3205 MACOM-D3205 Datasheet
2Mb / 11P
   FX2 Relay
More results

Similar Description - D32A5110

ManufacturerPart #DatasheetDescription
logo
celduc-relais
D31A CELDUC-D31A Datasheet
86Kb / 2P
   DUAL IN LINE REED RELAY / 1 normally open contact
D91A CELDUC-D91A Datasheet
85Kb / 2P
   DUAL IN LINE REED RELAY / 1 normally open contact
D71A CELDUC-D71A Datasheet
61Kb / 2P
   DUAL IN LINE REED RELAY / 1 normally open contact ( low profile )
D41A CELDUC-D41A Datasheet
132Kb / 2P
   SINGLE IN LINE REED RELAY / 1 normally open contact
D31B CELDUC-D31B Datasheet
86Kb / 2P
   DUAL IN LINE REED RELAY / 1 normally closed contact
logo
List of Unclassifed Man...
HE751A0400 ETC1-HE751A0400 Datasheet
298Kb / 2P
   DUAL-IN-LINE Reed Relay
logo
IXYS Corporation
LBA710 IXYS-LBA710 Datasheet
146Kb / 9P
   Dual Single-Pole OptoMOS Relay Normally Open & Normally Closed
LAA127L IXYS-LAA127L_12 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
XAA170 IXYS-XAA170 Datasheet
133Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
LAA710 IXYS-LAA710_12 Datasheet
122Kb / 7P
   Dual Single-Pole, Normally Open OptoMOS Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com