Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ORT43SBCBCRY Datasheet(PDF) 2 Page - Bedford Opto Technology Ltd.

Part # ORT43SBCBCRY
Description  3mm LED CIRCUIT BOARD INDICATOR 4 TIER SHROUDED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

ORT43SBCBCRY Datasheet(HTML) 2 Page - Bedford Opto Technology Ltd.

  ORT43SBCBCRY Datasheet HTML 1Page - Bedford Opto Technology Ltd. ORT43SBCBCRY Datasheet HTML 2Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BEDFORD OPTO TECHNOLOGY LTD
1 BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
Absolute Maximum Ratings (TA = 25OC)
ORT43S
Electro-Optical Data (TA = 25OC)
Ordering Information
ORT43SWXYZ where W, X, Y, Z = R = Red
G = Green
Y = Yellow
O=Orange
BC = Red/Green Bi-colour
For mixed colours a custom part number will be allocated.
3.4.01 ISS C
PARAMETER
Red/Green
Hi-Eff Red
Green
Yellow
Continuous Forward Current
30mA
30mA
30mA
30mA
Peak Forward Current (1/10 @
1Khz)
150mA
150mA
150mA
150mA
Power Dissipation
80mW
35mW
100mW
100mW
Reverse Current [Vr=5V]
100
μA
100
μA
100
μA
100
μA
Operating Temperature range
-40
OC to +80OC
-40
OC to +100OC
Storage Temperature
-40
OC to +85OC
-40
OC to +100OC
Lead Soldering Temperature
(2.0mm from body)
260
OC for 5secs
Orange
30mA
150mA
100mW
100
μA
PARAMETER
Red
Green
Forward Voltage
Max
[@20mA]
2.6V
2.6V
Luminous Intensity
Typ
[@20mA]
50mcd
70mcd
Viewing Angle
60deg
60deg
Yellow
2.6V
60mcd
50deg
Peak Wavelength
635nm
568nm
585nm
Red/Green
2.6V
Red- 35.0 mcd
Green– 40.0 mcd
40deg
Red- 635nm
Orange
2.6V
70mcd
50deg
610nm
Pb
This
component
is RoHS
compliant


Similar Part No. - ORT43SBCBCRY

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ORT42G5 LATTICE-ORT42G5 Datasheet
1Mb / 119P
   0.6 to 3.7 Gbps XAUI and FC FPSCs
ORT42G5-1BM484C LATTICE-ORT42G5-1BM484C Datasheet
1Mb / 119P
   0.6 to 3.7 Gbps XAUI and FC FPSCs
ORT42G5-1BM484I LATTICE-ORT42G5-1BM484I Datasheet
1Mb / 119P
   0.6 to 3.7 Gbps XAUI and FC FPSCs
ORT42G5-1BMN484C LATTICE-ORT42G5-1BMN484C Datasheet
1Mb / 119P
   0.6 to 3.7 Gbps XAUI and FC FPSCs
ORT42G5-1BMN484I LATTICE-ORT42G5-1BMN484I Datasheet
1Mb / 119P
   0.6 to 3.7 Gbps XAUI and FC FPSCs
More results

Similar Description - ORT43SBCBCRY

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
ORT2200 BOT-ORT2200 Datasheet
47Kb / 2P
   1.8mm LED 2 TIER CIRCUIT BOARD INDICATOR
SSA340 BOT-SSA340 Datasheet
34Kb / 2P
   5mm SHROUDED LED CIRCUIT BOARD INDICATOR
SSA273 BOT-SSA273 Datasheet
31Kb / 2P
   SINGLE TIER 5mm 3 LEADED TRI-COLOUR CIRCUIT BOARD INDICATOR,SHROUDED
ORE9801 BOT-ORE9801 Datasheet
50Kb / 2P
   3mm CIRCUIT BOARD INDICATOR
ORE9601 BOT-ORE9601 Datasheet
57Kb / 2P
   3mm CIRCUIT BOARD INDICATOR
ORE9901 BOT-ORE9901 Datasheet
50Kb / 2P
   3mm LED CIRCUIT INDICATOR
logo
Everlight Electronics C...
A2774B-SYG-S530-E2 EVERLIGHT-A2774B-SYG-S530-E2 Datasheet
97Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A2794B-UTCSUBC-S400-A4 EVERLIGHT-A2794B-UTCSUBC-S400-A4 Datasheet
132Kb / 8P
   3mm 2Pcs Circuit Board Indicator
A274B-SYG-S530-E2 EVERLIGHT-A274B-SYG-S530-E2 Datasheet
97Kb / 6P
   3mm 1Pcs Circuit Board Indicator
A274B-SYG-S530-E2 EVERLIGHT-A274B-SYG-S530-E2_15 Datasheet
97Kb / 6P
   3mm 1Pcs Circuit Board Indicator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com