Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1731-4.2 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1731-4.2
Description  Single Cell Lithium-Ion Linear Battery Charger Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1731-4.2 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1731-4.2 Datasheet HTML 2Page - Linear Technology LTC1731-4.2 Datasheet HTML 3Page - Linear Technology LTC1731-4.2 Datasheet HTML 4Page - Linear Technology LTC1731-4.2 Datasheet HTML 5Page - Linear Technology LTC1731-4.2 Datasheet HTML 6Page - Linear Technology LTC1731-4.2 Datasheet HTML 7Page - Linear Technology LTC1731-4.2 Datasheet HTML 8Page - Linear Technology LTC1731-4.2 Datasheet HTML 9Page - Linear Technology LTC1731-4.2 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC1731-4.1/LTC1731-4.2
BLOCK DIAGRA
+
LOGIC
C1
+
C4
+
+
C3
A1
CA
C2
VA
CHARGE
GND
1731 BD
PROG
BATTERY CURRENT IBAT = (2.457V • 800Ω)/(RPROG • RSENSE)
RPROG
VREF
2.457V
LBO
80
VCC
800
54mV
RSENSE
SENSE
DRV
BAT
720
100
µA
TIMER
OSCILLATOR
VREF
COUNTER
STOP
SHDN
SLP
C/10
C/10
2.5
µA
VCC
CHRG
4
5
2
3
8
7
6
1
+


Similar Part No. - LTC1731-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1731-4.2 LINER-LTC1731-4.2 Datasheet
182Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
LTC1731-4.2 LINER-LTC1731-4.2_15 Datasheet
182Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
More results

Similar Description - LTC1731-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1731-4.1 LINER-LTC1731-4.1_15 Datasheet
182Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
LTC1731-4.2 LINER-LTC1731-4.2_15 Datasheet
182Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
logo
Analog Intergrations Co...
AIC1790 AIC-AIC1790 Datasheet
325Kb / 19P
   1 Cell Linear Lithium-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
   single-cell lithium-ion battery charger
logo
National Semiconductor ...
LM3621 NSC-LM3621 Datasheet
334Kb / 14P
   Single Cell Lithium-Ion Battery Charger Controller
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
   Lithium-Ion Linear Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
   Linear Lithium-ion Battery Charger
logo
E-CMOS Corporation
EC49018 E-CMOS-EC49018 Datasheet
318Kb / 8P
   1A, Single Cell Linear Lithium Battery Charger
EC49022 E-CMOS-EC49022 Datasheet
365Kb / 8P
   1A, Single Cell Linear Lithium Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com