Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1726 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1726
Description  Triple Supply Monitor andSupervisor with Adjustable Reset and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1726 Datasheet(HTML) 2 Page - Linear Technology

  LTC1726 Datasheet HTML 1Page - Linear Technology LTC1726 Datasheet HTML 2Page - Linear Technology LTC1726 Datasheet HTML 3Page - Linear Technology LTC1726 Datasheet HTML 4Page - Linear Technology LTC1726 Datasheet HTML 5Page - Linear Technology LTC1726 Datasheet HTML 6Page - Linear Technology LTC1726 Datasheet HTML 7Page - Linear Technology LTC1726 Datasheet HTML 8Page - Linear Technology LTC1726 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1726
1726fb
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Terminal Voltage
VCC3, VCC5/VCC25, VCCA ......................... –0.3V to 7V
RST ....................................................... – 0.3V to 7V
WDI ....................................................... – 0.3V to 7V
RT, WT .................................................. – 0.3V to 7V
Operating Temperature Range (Note 3) .. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................ 300
°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 125°C, θJA = 200°C/W
(Notes 1, 2)
TJMAX = 125°C, θJA = 150°C/W
ORDER
PART NUMBER
LTC1726ES8-2.5
LTC1726ES8-5
LTC1726IS8-2.5
LTC1726IS8-5
S8 PART MARKING
172625
17265
726I25
1726I5
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRT3
Reset Threshold VCC3
VCC3 Input Threshold
3.036
3.085
3.135
V
VRT5
Reset Threshold VCC5
VCC5 Input Threshold (5V Version)
4.600
4.675
4.750
V
VRT25
Reset Threshold VCC25
VCC25 Input Threshold (2.5V Version)
2.300
2.337
2.375
V
VRTA
Reset Threshold VCCA
VCCA Input Threshold
0.985
1.000
1.015
V
VCC
VCC3 or VCC5 Operating Voltage
RST in Correct Logic State
17
V
IVCC3
VCC3 Supply Current
VCC5/VCC25 > VCC3
12
µA
VCC5/VCC25 < VCC3, VCC3 = 3.3V
16
30
µA
IVCC5
VCC5 Supply Current
VCC5 = 5V
16
30
µA
IVCC25
VCC25 Supply Current
VCC25 < VCC3, VCC25 = 2.5V (Note 4)
12
µA
IVCCA
VCCA Input Current
VCCA = 1V
–15
0
15
nA
RT Charge Current Out
VRT = 0V
1.4
2
2.6
µA
WT Charge Current Out
VWT = 0V
1.4
2
2.6
µA
RT Discharge Current Out
VRT = 1.3V
14
20
26
µA
WT Discharge Current Out
VWT = 1.3V
14
20
26
µA
∆tRT
Reset Time-Out Period Variation
CRT = 1500pF Deviation from tRT = 5ms (Note 5)
–30
0
30
%
tUV
VCC Undervoltage Detect to RST
VCC25/VCC5, VCC3 or VCCA Less Than Reset
130
µs
Threshold VRT by More Than 1%
The
denotes specifications which apply over the full operating temperature
range, otherwise specificaitons are at TA = 25°C. VCC3 = 3.3V, VCC5 = 5V, VCC25 = 2.5V, VCCA = VCC3 unless otherwise noted.
1
2
3
4
8
7
6
5
TOP VIEW
RT
WT
RST
WDI
VCC3
VCCA
GND
S8 PACKAGE
8-LEAD PLASTIC SO
VCC25/
VCC5
ORDER
PART NUMBER
LTC1726EMS8-2.5
LTC1726EMS8-5
MS8 PART MARKING
LTKZ
LTLA
1
2
3
4
VCC3
VCC25/VCC5
VCCA
GND
8
7
6
5
RT
WT
RST
WDI
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC1726

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC1726 LINER-LTC1726 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726-2.5 LINER-LTC1726-2.5 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
More results

Similar Description - LTC1726

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2931 LINER-LTC2931_15 Datasheet
269Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com