Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1726IS8-5 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1726IS8-5
Description  Triple Supply Monitor andSupervisor with Adjustable Reset and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1726IS8-5 Datasheet(HTML) 1 Page - Linear Technology

  LTC1726IS8-5 Datasheet HTML 1Page - Linear Technology LTC1726IS8-5 Datasheet HTML 2Page - Linear Technology LTC1726IS8-5 Datasheet HTML 3Page - Linear Technology LTC1726IS8-5 Datasheet HTML 4Page - Linear Technology LTC1726IS8-5 Datasheet HTML 5Page - Linear Technology LTC1726IS8-5 Datasheet HTML 6Page - Linear Technology LTC1726IS8-5 Datasheet HTML 7Page - Linear Technology LTC1726IS8-5 Datasheet HTML 8Page - Linear Technology LTC1726IS8-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC1726
1726fb
TYPICAL APPLICATIONS
FEATURES
DESCRIPTIO
Triple Supply Monitor and
µP Supervisor with Adjustable
Reset and Watchdog Timer
Monitors Three Inputs Simultaneously
LTC1726-5: 5V, 3.3V and ADJ
LTC1726-2.5: 2.5V, 3.3V and ADJ
±1.5% Threshold Accuracy Over Temperature
Low Supply Current: 16
µA Typ
Adjustable Reset Timeout
Adjustable Watchdog Timeout
Active Low Open-Drain Reset Output
Power Supply Glitch Immunity
Guaranteed RESET for VCC3 ≥ 1V or VCC25/VCC5 ≥ 1V
MS8 and SO-8 Packages
The LTC
®1726 is a triple supply monitor and microproces-
sor supervisory circuit with adjustable reset and watchdog
functions intended for systems with multiple supply volt-
ages. The part has a common open-drain reset output with
an adjustable delay. The reset and watchdog time-out
periods are both adjustable using external capacitors.
Tight 1.5% accuracy specifications and glitch immunity
ensure reliable reset operation without false triggering.
The RST output is guaranteed to be in the correct state for
VCC5/VCC25 or VCC3 down to 1V. The LTC1726 may also be
configured to monitor any one or two VCC inputs instead
of three, depending on system requirements.
The low (16
µA typical) supply current makes the LTC1726
ideal for power-conscious systems.
Desktop Computers
Notebook Computers
Intelligent Instruments
Portable Battery-Powered Equipment
Network Servers
VCC5
RT
CRT
47nF
CWT
47nF
21
4
3
6
R1
66.5k
1%
tRT = 155ms
tWT= 1s
R2
100k
1%
5
8
0.1
µF
7
1726 TA01
LTC1726-5
WT
RST
WDI
VCC3
5V
3.3V
1.8V
(VTRIP = 1.665V)
GND
VCCA
µP
RESET
I/O
0.1
µF
VCC25
RT
CRT
47nF
CWT
47nF
21
4
3
6
tRT = 155ms
tWT= 1s
R2
100k
1%
5
8
0.1
µF
7
1726 TA02
LTC1726-2.5
WT
RST
WDI
VCC3
2.5V
3.3V
1.8V
(VTRIP = 1.665V)
GND
VCCA
µP
RESET
I/O
0.1
µF
R1
66.5k
1%
A 3.3V, 5V and 1.8V Monitor
A 3.3V, 2.5V and 1.8V Monitor
APPLICATIO S
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1726IS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1726IS8-5 LINER-LTC1726IS8-5 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
More results

Similar Description - LTC1726IS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Linear Technology
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2902 LINER-LTC2902 Datasheet
179Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2902 LINER-LTC2902_15 Datasheet
184Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Integrated Syste...
LTC2902 LINEAR-LTC2902 Datasheet
176Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer and Supply Tolerance
logo
Linear Technology
LTC2931 LINER-LTC2931_15 Datasheet
269Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com