Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1731EMS8-4.2 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1731EMS8-4.2
Description  Single Cell Lithium-Ion Linear Battery Charger Controllers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1731EMS8-4.2 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1731EMS8-4.2 Datasheet HTML 4Page - Linear Technology LTC1731EMS8-4.2 Datasheet HTML 5Page - Linear Technology LTC1731EMS8-4.2 Datasheet HTML 6Page - Linear Technology LTC1731EMS8-4.2 Datasheet HTML 7Page - Linear Technology LTC1731EMS8-4.2 Datasheet HTML 8Page - Linear Technology LTC1731EMS8-4.2 Datasheet HTML 9Page - Linear Technology LTC1731EMS8-4.2 Datasheet HTML 10Page - Linear Technology LTC1731EMS8-4.2 Datasheet HTML 11Page - Linear Technology LTC1731EMS8-4.2 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1731-4.1/LTC1731-4.2
APPLICATIONS INFORMATION
After an internal time delay of 320ms, this state is then
latched. This delay will help prevent false triggering due to
transient currents. The end-of-charge comparator is dis-
abled in trickle charge mode.
Gate Drive
Typically the LTC1731 controls an external P-channel
MOSFET to supply current to the battery. The DRV pin is
internally clamped to 6.5V below VCC. This feature allows
low voltage P-channel MOSFETs with gate to source
breakdown voltage rated at 8V to be used.
An external PNP transistor can also be used as the pass
transistor instead of the P-channel MOSFET. Due to the
low current gain of the current amplifier (CA), a high gain
Darlington PNP transistor is required to avoid excessive
charge current error. The gain of the current amplifier is
around 0.6
µA/mV. For every 1µA of base current, a 1.6mV
of gain error shows up at the inputs of CA. With RPROG =
19.6k (100mV across RSENSE), it represents 1.67% of
error in charging current.
Constant-Current Only Mode
The LTC1731 can be used as a programmable current
source by forcing the TIMER pin to VCC. This is particularly
useful for charging NiMH or NiCd batteries. In the con-
stant-current only mode, the timer and voltage amplifier
are both disabled. An external termination method is
required to properly terminate the charge.
Stability
The charger is stable without any compensation when a
P-channel MOSFET is used as the pass transistor.
However, a 10
µF capacitor is recommended at the BAT
pin to keep the ripple voltage low when the battery is
disconnected.
When a PNP transistor is chosen as the pass transistor, a
1000pF capacitor is required from the DRV pin to VCC. This
capacitor is needed to help stablize the voltage loop. A
10
µF capacitor at the BAT pin is also recommended when
a battery is not present.
VCC
VIN = 6V
SENSE
DRV
4.7k
1k
2.2k
1k
AMBER
1.5k
20k
RSENSE
0.2
RPROG
19.6k
Li-ION
CELL
LTC1731-4.2
BAT
CHRG
8
7
10
µF
1
µF
1731 TA04
0.1
µF
Si9430DY
6
1
5
4
+
2
3
TIMER
PROG
GND
GREEN
MMBT3906
MMSD4148
MBRM120T3
OPTIONAL: FOR REVERSE
INPUT PROTECTION
MMBT3906
CONDITION
NO WALL ADAPTER
CHARGING (I > C/10)
CHARGING (I < C/10)
TIMER EXPIRED
GREEN
OFF
OFF
ON
ON
AMBER
OFF
ON
OFF
OFF
Using CHRG Pin to Indicate Charge Status
TYPICAL APPLICATIO


Similar Part No. - LTC1731EMS8-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1731EMS8-8.2 LINER-LTC1731EMS8-8.2 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731EMS8-8.2 LINER-LTC1731EMS8-8.2 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731EMS8-8.4 LINER-LTC1731EMS8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
LTC1731EMS8-8.4 LINER-LTC1731EMS8-8.4 Datasheet
161Kb / 12P
   Lithium-Ion Linear Battery Charger Controller
More results

Similar Description - LTC1731EMS8-4.2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1731-4.1 LINER-LTC1731-4.1_15 Datasheet
182Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
LTC1731-4.2 LINER-LTC1731-4.2_15 Datasheet
182Kb / 12P
   Single Cell Lithium-Ion Linear Battery Charger Controllers
logo
Analog Intergrations Co...
AIC1790 AIC-AIC1790 Datasheet
325Kb / 19P
   1 Cell Linear Lithium-Ion Battery Charger
logo
SHOUDING Shouding Semic...
SD8057T SHOUDING-SD8057T Datasheet
1Mb / 11P
   single-cell lithium-ion battery charger
logo
National Semiconductor ...
LM3621 NSC-LM3621 Datasheet
334Kb / 14P
   Single Cell Lithium-Ion Battery Charger Controller
logo
Dongguan Pingjingsemi T...
PJ4054B PJSEMI-PJ4054B Datasheet
3Mb / 6P
   Linear Lithium-ion Battery Charger
logo
Agere Systems
PSC1534 AGERE-PSC1534 Datasheet
1Mb / 8P
   Lithium-Ion Linear Battery Charger
logo
Dongguan Pingjingsemi T...
PJ4057 PJSEMI-PJ4057 Datasheet
3Mb / 5P
   Linear Lithium-ion Battery Charger
logo
E-CMOS Corporation
EC49018 E-CMOS-EC49018 Datasheet
318Kb / 8P
   1A, Single Cell Linear Lithium Battery Charger
EC49022 E-CMOS-EC49022 Datasheet
365Kb / 8P
   1A, Single Cell Linear Lithium Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com