Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1709EG-85 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1709EG-85
Description  2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1709EG-85 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1709EG-85 Datasheet HTML 5Page - Linear Technology LTC1709EG-85 Datasheet HTML 6Page - Linear Technology LTC1709EG-85 Datasheet HTML 7Page - Linear Technology LTC1709EG-85 Datasheet HTML 8Page - Linear Technology LTC1709EG-85 Datasheet HTML 9Page - Linear Technology LTC1709EG-85 Datasheet HTML 10Page - Linear Technology LTC1709EG-85 Datasheet HTML 11Page - Linear Technology LTC1709EG-85 Datasheet HTML 12Page - Linear Technology LTC1709EG-85 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LTC1709-85
170985f
FU CTIO AL DIAGRA
SWITCH
LOGIC
0.80V
4.8V
5V
VIN
VIN
CLK2
TO SECOND
CHANNEL
CLK1
+
+
VREF
INTERNAL
SUPPLY
EXTVCC
INTVCC
SGND
+
5V
LDO
REG
SW
SHDN
0.55V
TOP
BOOST
TG
CB
CIN
D1
DB
PGND
BOT
BG
INTVCC
INTVCC
VIN
+
170985 FBD
EAIN
VFB
DROP
OUT
DET
RUN
SOFT
START
BOT
FCB
TOP ON
S
R
Q
Q
OSCILLATOR
PLLFLTR
50k
EA
0.86V
0.80V
OV
1.2
µA
6V
+
RC
4(VFB)
RST
SHDN
RUN/SS
ITH
CC
CSS
4(VFB)
0.86V
SLOPE
COMP
+
+
SENSE
SENSE+
INTVCC
30k
45k
2.4V
45k
RSENSE
30k
I1
I2
B
ATTENIN
10k
R1
VID25mV
ATTENOUT
VID0
VID1
VID2
VID3
TYPICAL ALL
VID PINS
40k
VBIAS
PHASE DET
PLLIN
DUPLICATE FOR SECOND
CONTROLLER CHANNEL
CC2
+
+
COUT
VOUT
fIN
RLP
CLP
A1
+
DIFFOUT
VOS
+
VOS
0.74V
0.86V
+
+
EAIN
PGOOD
5-BIT VID DECODER
+
4.5V
0.18
µA
+
FCB
3V
FCB


Similar Part No. - LTC1709EG-85

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1709EG-8 LINER-LTC1709EG-8 Datasheet
296Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709EG-8 LINER-LTC1709EG-8 Datasheet
266Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1709EG-85

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3716 LINER-LTC3716 Datasheet
438Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC3716 LINER-LTC3716_15 Datasheet
448Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7_15 Datasheet
329Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-7 LINER-LTC1709-7 Datasheet
319Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-85 LINER-LTC1709-85_15 Datasheet
323Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulator
LTC1709-8 LINER-LTC1709-8 Datasheet
296Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709-8 LINER-LTC1709-8_15 Datasheet
271Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709-8 LINER-LTC1709-8_1 Datasheet
266Kb / 28P
   2-Phase, 5-Bit VID,Current Mode, High Efficiency,Synchronous Step-Down Switching Regulators
LTC1709-9 LINER-LTC1709-9_15 Datasheet
271Kb / 28P
   2-Phase, 5-Bit VID, Current Mode, High Efficiency, Synchronous Step-Down Switching Regulators
LTC1709 LINER-LTC1709 Datasheet
370Kb / 28P
   2-Phase, 5-Bit Adjustable, High Efficiency, Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com