Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1350ISW Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1350ISW
Description  3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1350ISW Datasheet(HTML) 6 Page - Linear Technology

  LTC1350ISW Datasheet HTML 1Page - Linear Technology LTC1350ISW Datasheet HTML 2Page - Linear Technology LTC1350ISW Datasheet HTML 3Page - Linear Technology LTC1350ISW Datasheet HTML 4Page - Linear Technology LTC1350ISW Datasheet HTML 5Page - Linear Technology LTC1350ISW Datasheet HTML 6Page - Linear Technology LTC1350ISW Datasheet HTML 7Page - Linear Technology LTC1350ISW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LTC1350
1350fa
TEST CIRCUITS
ESD Test Circuit
Receiver Timing Test Load
Driver Timing Test Load
DRIVER
DRIVER
INPUT
3k
51pF
DRIVER
OUTPUT
LTC1350 • TA03
RX
RX INPUT
51pF
RX
OUTPUT
LTC1350 • TA04
LTC1350 • TC01
VCC
C1
0.1µF
LTC1350
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
C3
0.1µF
V
V+
C2
0.1µF
C4
0.1µF
RS232
LINE PINS
PROTECTED
TO ±10kV
DR1 IN
RX1 OUT
DR2 IN
RX2 OUT
RX3 OUT
RX4 OUT
DR3 IN
RX5 OUT
GND
NC
NC
DR1 OUT
RX1 IN
DR2 OUT
RX2 IN
RX3 IN
RX4 IN
DR3 OUT
RX5 IN
ON/OFF
NC


Similar Part No. - LTC1350ISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1350IS LINER-LTC1350IS Datasheet
219Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
More results

Similar Description - LTC1350ISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1350 LINER-LTC1350_15 Datasheet
122Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
LTC1350 LINER-LTC1350 Datasheet
219Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
LTC1385 LINER-LTC1385_15 Datasheet
213Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Dimensions Semic...
LTC1385IG-PBF LINEAR_DIMENSIONS-LTC1385IG-PBF Datasheet
223Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Technology
LTC1385 LINER-LTC1385_1 Datasheet
207Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
LTC1385 LINER-LTC1385 Datasheet
216Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327 Datasheet
223Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
logo
Texas Instruments
DS14C335 TI1-DS14C335_15 Datasheet
897Kb / 16P
[Old version datasheet]   3.3V Supply TIA/EIA-232 3 x 5 Driver/Receiver
logo
National Semiconductor ...
DSV14196 NSC-DSV14196 Datasheet
153Kb / 9P
   3.3V Supply EIA/TIA-232 5 Driver x 3 Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com