Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLHR54 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. TLHR54
Description  High Efficiency LED in 5 mm Tinted Diffused Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR54 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLHR54 Datasheet HTML 1Page - Vishay Siliconix TLHR54 Datasheet HTML 2Page - Vishay Siliconix TLHR54 Datasheet HTML 3Page - Vishay Siliconix TLHR54 Datasheet HTML 4Page - Vishay Siliconix TLHR54 Datasheet HTML 5Page - Vishay Siliconix TLHR54 Datasheet HTML 6Page - Vishay Siliconix TLHR54 Datasheet HTML 7Page - Vishay Siliconix TLHR54 Datasheet HTML 8Page - Vishay Siliconix TLHR54 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLH.54../64..
Vishay Telefunken
3 (9)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83012
Green
(TLHG54../TLHG64.. )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
I
10 mA
TLHG5400/6400
IV
1.6
4
mcd
Luminous intensity
IF = 10 mA,
IVi /IV
≥ 05
TLHG5401/6401
IV
4
7
mcd
y
IVmin/IVmax ≥ 0.5
TLHG5405/6405
IV
6.3
15
mcd
Dominant wavelength
IF = 10 mA
ld
562
575
nm
Peak wavelength
IF = 10 mA
lp
565
nm
Angle of half intensity
IF = 10 mA
ϕ
±30
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 mA
VR
6
15
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
20
406080
0
25
50
75
100
125
Tamb – Ambient Temperature ( °C )
100
95 10918
Figure 1 Power Dissipation vs. Ambient Temperature
0
10
20
30
40
60
0
20
406080
Tamb – Ambient Temperature ( °C )
100
95 10046
50
Figure 2 Forward Current vs. Ambient Temperature
0.01
0.1
1
10
1
10
100
1000
10000
tp – Pulse Length ( ms )
100
95 10025
tp/T=0.01
0.02
0.05
0.1
0.2
1
0.5
Tambv65°C
Figure 3 Forward Current vs. Pulse Length
0.4
0.2
0
0.2
0.4
0.6
95 10042
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
Figure 4 Rel. Luminous Intensity vs.
Angular Displacement


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn