Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLHR54 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # TLHR54
Description  High Efficiency LED in 5 mm Tinted Diffused Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR54 Datasheet(HTML) 7 Page - Vishay Siliconix

  TLHR54 Datasheet HTML 1Page - Vishay Siliconix TLHR54 Datasheet HTML 2Page - Vishay Siliconix TLHR54 Datasheet HTML 3Page - Vishay Siliconix TLHR54 Datasheet HTML 4Page - Vishay Siliconix TLHR54 Datasheet HTML 5Page - Vishay Siliconix TLHR54 Datasheet HTML 6Page - Vishay Siliconix TLHR54 Datasheet HTML 7Page - Vishay Siliconix TLHR54 Datasheet HTML 8Page - Vishay Siliconix TLHR54 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TLH.54../64..
Vishay Telefunken
7 (9)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83012
Dimensions in mm
Package TLH.54..
95 10916


Similar Part No. - TLHR54

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHR540 VISHAY-TLHR540 Datasheet
205Kb / 9P
   Choice of three bright colors
Rev. 2.0, 16-Mar-15
TLHR540 VISHAY-TLHR540 Datasheet
198Kb / 9P
   High Efficiency LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLHR540. VISHAY-TLHR540. Datasheet
198Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHR5400 VISHAY-TLHR5400 Datasheet
250Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHR5400 VISHAY-TLHR5400 Datasheet
205Kb / 9P
   Choice of three bright colors
Rev. 2.0, 16-Mar-15
More results

Similar Description - TLHR54

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHY5405 VISHAY-TLHY5405 Datasheet
250Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.4, 31-Aug-04
TLHG640 VISHAY-TLHG640 Datasheet
251Kb / 8P
   High Efficiency LED in 5 mm Tinted Diffused Package
Rev. 1.5, 31-Aug-04
TLHG640 VISHAY-TLHG640_V02 Datasheet
200Kb / 9P
   High Efficiency LED in Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHG5205 VISHAY-TLHG5205 Datasheet
248Kb / 8P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. 1.4, 31-Aug-04
TLHG540 VISHAY-TLHG540_V01 Datasheet
198Kb / 9P
   High Efficiency LED, 횠 5 mm Tinted Diffused Package
01-Jan-2022
TLHR52 VISHAY-TLHR52 Datasheet
130Kb / 9P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. A1, 04-Feb-99
TLLG542 VISHAY-TLLG542 Datasheet
195Kb / 6P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHB540 VISHAY-TLHB540 Datasheet
70Kb / 5P
   High Efficiency Blue LED, 5 mm Tinted Diffused Package
Rev. A1, 04-Feb-99
TLHG540 VISHAY-TLHG540_V02 Datasheet
198Kb / 9P
   High Efficiency LED, Ø 5 mm Tinted Diffused Package
01-Jan-2023
TLHY6201 VISHAY-TLHY6201 Datasheet
184Kb / 8P
   High Efficiency LED, 5 mm Tinted Non-Diffused Package
Rev. 1.9, 25-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com