Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLHR44 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. TLHR44
Description  High Efficiency LED in 3 mm Tinted Diffused Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR44 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TLHR44 Datasheet HTML 2Page - Vishay Siliconix TLHR44 Datasheet HTML 3Page - Vishay Siliconix TLHR44 Datasheet HTML 4Page - Vishay Siliconix TLHR44 Datasheet HTML 5Page - Vishay Siliconix TLHR44 Datasheet HTML 6Page - Vishay Siliconix TLHR44 Datasheet HTML 7Page - Vishay Siliconix TLHR44 Datasheet HTML 8Page - Vishay Siliconix TLHR44 Datasheet HTML 9Page - Vishay Siliconix TLHR44 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TLH.44..
Vishay Telefunken
6 (11)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83006
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10259
500
0.5
0.2
0.1
0.05
0.02
1
IF(mA)
tp/T
2.0
Soft Orange
Figure 12 Rel. Lumin. Intensity vs.
Forw. Current/Duty Cycle
110
0.01
0.1
1
10
IF – Forward Current ( mA )
100
95 9997
Soft Orange
Figure 13 Relative Luminous Intensity vs.
Forward Current
570
590
610
630
650
0
0.2
0.4
0.6
0.8
1.2
670
95 10324
1.0
l – Wavelength ( nm )
Soft Orange
Figure 14 Relative Luminous Intensity vs. Wavelength
0
2
468
0.1
1
10
100
1000
10
95 10030
VF – Forward Voltage ( V )
Yellow
tp/T=0.001
tp=10ms
Figure 15 Rel. Luminous Intensity vs.
Ambient Temperature
0
0
0.4
0.8
1.2
1.6
95 10031
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
Yellow
IF=10mA
Figure 16 Rel. Luminous Intensity vs.
Ambient Temperature
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10260
500
0.5
0.2
0.1
0.05
0.02
1
IF(mA)
tp/T
2.0
Yellow
Figure 17 Rel. Lumin. Intensity vs
. Forw. Current/Duty Cycle


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn