Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADSP-21061LKB-160 Datasheet(PDF) 2 Page - Analog Devices

Part # ADSP-21061LKB-160
Description  DSP Microcomputer Family
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21061LKB-160 Datasheet(HTML) 2 Page - Analog Devices

  ADSP-21061LKB-160 Datasheet HTML 1Page - Analog Devices ADSP-21061LKB-160 Datasheet HTML 2Page - Analog Devices ADSP-21061LKB-160 Datasheet HTML 3Page - Analog Devices ADSP-21061LKB-160 Datasheet HTML 4Page - Analog Devices ADSP-21061LKB-160 Datasheet HTML 5Page - Analog Devices ADSP-21061LKB-160 Datasheet HTML 6Page - Analog Devices ADSP-21061LKB-160 Datasheet HTML 7Page - Analog Devices ADSP-21061LKB-160 Datasheet HTML 8Page - Analog Devices ADSP-21061LKB-160 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
–2–
ADSP-21061/ADSP-21061L
REV. B
DMA Controller
6 DMA Channels
Background DMA Transfers at 50 MHz, in Parallel with
Full-Speed Processor Execution
Performs Transfers Between ADSP-21061 Internal Memory
and External Memory, External Peripherals, Host
Processor, or Serial Ports
Host Processor Interface
Efficient Interface to 16- and 32-Bit Microprocessors
Host can Directly Read/Write ADSP-21061 Internal Memory
Multiprocessing
Glueless Connection for Scalable DSP Multiprocessing
Architecture
Distributed On-Chip Bus Arbitration for Parallel Bus
Connect of Up To Six ADSP-21061s Plus Host
300 Mbytes/s Transfer Rate Over Parallel Bus
Serial Ports
Two 40 Mbit/s Synchronous Serial Ports
Independent Transmit and Receive Functions
3- to 32-Bit Data Word Width
-Law/A-Law Hardware Companding
TDM Multichannel Mode
Multichannel Signaling Protocol
TABLE OF CONTENTS
GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . 3
ADSP-21000 FAMILY CORE ARCHITECTURE . . . . . . . 4
ADSP-21061 FEATURES . . . . . . . . . . . . . . . . . . . . . . . . . . 4
DEVELOPMENT TOOLS . . . . . . . . . . . . . . . . . . . . . . . . . . 8
ADDITIONAL INFORMATION . . . . . . . . . . . . . . . . . . . . . 8
PIN DESCRIPTIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
TARGET BOARD CONNECTOR FOR EZ-ICE®
PROBE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
RECOMMENDED OPERATING CONDITIONS (5 V) . 14
ELECTRICAL CHARACTERISTICS (5 V) . . . . . . . . . . . 14
POWER DISSIPATION ADSP-21061 (5 V) . . . . . . . . . . . . 15
RECOMMENDED OPERATING CONDITIONS (3.3 V) 16
ELECTRICAL CHARACTERISTICS (3.3 V) . . . . . . . . . . 16
POWER DISSIPATION ADSP-21061L (3.3 V) . . . . . . . . . 17
ABSOLUTE MAXIMUM RATINGS . . . . . . . . . . . . . . . . 18
TIMING SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . 18
Memory Read—Bus Master . . . . . . . . . . . . . . . . . . . . . . . 21
Memory Write—Bus Master . . . . . . . . . . . . . . . . . . . . . . 22
Synchronous Read/Write—Bus Master . . . . . . . . . . . . . . 23
Synchronous Read/Write—Bus Slave . . . . . . . . . . . . . . . . 25
Multiprocessor Bus Request and Host Bus Request . . . . . 26
Asynchronous Read/Write—Host to ADSP-21061 . . . . . . 28
Three-State Timing—Bus Master, Bus Slave,
HBR, SBTS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
DMA Handshake . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Serial Ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
JTAG Test Access Port and Emulation . . . . . . . . . . . . . . . 37
OUTPUT DRIVE CURRENTS . . . . . . . . . . . . . . . . . . . . . 38
POWER DISSIPATION . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
TEST CONDITIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
ENVIRONMENTAL CONDITIONS . . . . . . . . . . . . . . . . 41
240-LEAD METRIC MQFP PIN CONFIGURATIONS . . 42
OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . 43, 44
ADSP-21061L 225-Ball Plastic Ball Grid Array (PBGA)
Package Pinout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
225-Ball Plastic Ball Grid Array (PBGA) Package Pinout . . . . . 46
OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . 47
ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
FIGURES
Figure 1. ADSP-21061/ADSP-21061L Block Diagram . . . . 1
Figure 2. ADSP-21061/ADSP-21061L System . . . . . . . . . . . 4
Figure 3. Multiprocessing System . . . . . . . . . . . . . . . . . . . . . 6
Figure 4. ADSP-21061/ADSP-21061L Memory Map . . . . . 7
Figure 5. Target Board Connector For ADSP-21061/
EZ-ICE is a registered trademark of Analog Devices, Inc.
ADSP-21061L EZ-ICE Emulator (Jumpers in Place) . . . 12
Figure 6. JTAG Scan Path Connections for Multiple
ADSP-21061/ADSP-21061L Systems . . . . . . . . . . . . . . . 12
Figure 7. JTAG Clocktree for Multiple ADSP-21061/
ADSP-21061L Systems . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 8. Clock Input . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 9. Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 10. Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 11. Timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 12. Flags . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 13. Memory Read—Bus Master . . . . . . . . . . . . . . . . 21
Figure 14. Memory Write—Bus Master . . . . . . . . . . . . . . . 22
Figure 15. Synchronous Read/Write—Bus Master . . . . . . . 24
Figure 16. Synchronous Read/Write—Bus Slave . . . . . . . . . 25
Figure 17. Multiprocessor Bus Request and Host Bus
Request . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 18a. Synchronous REDY Timing . . . . . . . . . . . . . . 28
Figure 18b. Asynchronous Read/Write—Host to
ADSP-21061/ADSP-21061L . . . . . . . . . . . . . . . . . . . . . . 29
Figure 19a. Three-State Timing (Bus Transition Cycle,
SBTS Assertion) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 19b. Three-State Timing (Host Transition Cycle) . . 31
Figure 20. DMA Handshake Timing . . . . . . . . . . . . . . . . . 33
Figure 21. Serial Ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 22. External Late Frame Sync . . . . . . . . . . . . . . . . . 36
Figure 23. JTAG Test Access Port and Emulation . . . . . . . 37
Figure 24. Output Enable/Disable . . . . . . . . . . . . . . . . . . . 39
Figure 25. Equivalent Device Loading for AC Measurements
(Includes All Fixtures) . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 26. Voltage Reference Levels for AC Measurements
(Except Output Enable/Disable) . . . . . . . . . . . . . . . . . . . . 39
Figure 27. ADSP-2106x Typical Drive Currents
(VDD = 5 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 28. Typical Output Rise Time (10%–90% VDD) vs.
Load Capacitance (VDD = 5 V) . . . . . . . . . . . . . . . . . . . . 40
Figure 29. Typical Output Rise Time (0.8 V–2.0 V) vs. Load
Capacitance (VDD = 5 V) . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 30. Typical Output Delay or Hold vs. Load Capacitance
(at Maximum Case Temperature) (VDD = 5 V) . . . . . . . . 40
Figure 31. ADSP-2106x Typical Drive Currents
(VDD = 3.3 V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
Figure 32. Typical Output Rise Time (10%–90% VDD) vs.
Load Capacitance (VDD = 3.3 V) . . . . . . . . . . . . . . . . . . . 40
Figure 33. Typical Output Rise Time (0.8 V–2.0 V) vs. Load
Capacitance (VDD = 3.3 V) . . . . . . . . . . . . . . . . . . . . . . . 41
Figure 34. Typical Output Delay or Hold vs. Load Capacitance
(at Maximum Case Temperature) (VDD = 3.3 V) . . . . . . . 41


Similar Part No. - ADSP-21061LKB-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21061LKB-160 AD-ADSP-21061LKB-160 Datasheet
870Kb / 52P
   Commercial Grade SHARC DSP Microcomputer
REV. D
More results

Similar Description - ADSP-21061LKB-160

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP21062 AD-ADSP21062 Datasheet
338Kb / 48P
   DSP Microcomputer Family
REV. B
ADSP-21060C AD-ADSP-21060C Datasheet
478Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-21060LCW-133 AD-ADSP-21060LCW-133 Datasheet
479Kb / 48P
   ADSP-21060 Industrial SHARC DSP Microcomputer Family
REV. B
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com