Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLHR42 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. TLHR42
Description  High Efficiency LED, 3 mm Tinted Undiffused Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHR42 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLHR42 Datasheet HTML 1Page - Vishay Siliconix TLHR42 Datasheet HTML 2Page - Vishay Siliconix TLHR42 Datasheet HTML 3Page - Vishay Siliconix TLHR42 Datasheet HTML 4Page - Vishay Siliconix TLHR42 Datasheet HTML 5Page - Vishay Siliconix TLHR42 Datasheet HTML 6Page - Vishay Siliconix TLHR42 Datasheet HTML 7Page - Vishay Siliconix TLHR42 Datasheet HTML 8Page - Vishay Siliconix TLHR42 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TLH.42..
Vishay Telefunken
4 (10)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83005
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
20
406080
0
25
50
75
100
125
Tamb – Ambient Temperature ( °C )
100
95 10904
Figure 1 Power Dissipation vs. Ambient Temperature
0
10
20
30
40
60
0
20
406080
Tamb – Ambient Temperature ( °C )
100
95 10905
50
Figure 2 Forward Current vs. Ambient Temperature
0.01
0.1
1
10
1
10
100
1000
10000
tp – Pulse Length ( ms )
100
95 10047
tp/T=0.01
0.02
0.05
0.1
0.2
1
0.5
Tambv65°C
Figure 3 Forward Current vs. Pulse Length
0.4
0.2
0
0.2
0.4
0.6
95 10041
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
Figure 4 Rel. Luminous Intensity vs.
Angular Displacement
0
2
468
0.1
1
10
100
1000
10
95 10026
VF – Forward Voltage ( V )
High Efficiency Red
tp/T=0.001
tp=10ms
Figure 5 Forward Current vs. Forward Voltage
0
0
0.4
0.8
1.2
1.6
95 10027
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
High Efficiency Red
IF=10mA
Figure 6 Rel. Luminous Intensity vs.
Ambient Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn