Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLHK4600 Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. TLHK4600
Description  High Intensity LED in 3 mm Tinted Diffused Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHK4600 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLHK4600 Datasheet HTML 1Page - Vishay Siliconix TLHK4600 Datasheet HTML 2Page - Vishay Siliconix TLHK4600 Datasheet HTML 3Page - Vishay Siliconix TLHK4600 Datasheet HTML 4Page - Vishay Siliconix TLHK4600 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TLHK4600
Vishay Telefunken
3 (5)
Rev. A1, 03-Apr-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83102
0.4
0.2
0
0.2
0.4
0.6
95 10043
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
Figure 3 Rel. Luminous Intensity vs. Angular Displacement
1
10
100
1
1.5
2.0
2.5
3.0
VF – Forward Voltage ( V )
95 10878
Figure 4 Forward Current vs. Forward Voltage
0
0
0.4
0.8
1.2
1.6
96 12077
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
IF=10mA
Figure 5 Rel. Luminous Intensity vs. Ambient Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1
10
100
96 11589
tp/T
IF(mA)
50
5
20
2
5
2
1
0.5
0.2
10
Figure 6 Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
0.01
0.10
1.00
10.00
1
10
100
IF – Forward Current ( mA )
96 11588
Figure 7 Relative Luminous Intensity vs. Forward Current
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
600 610 620 630 640 650 660 670 680 690 700
l – Wavelength ( nm )
96 12075
IF = 10 mA
Figure 8 Relative Luminous Intensity vs. Wavelength


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn