Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLHK4400 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. TLHK4400
Description  High Intensity LED in 3 mm Tinted Diffused Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHK4400 Datasheet(HTML) 2 Page - Vishay Siliconix

  TLHK4400 Datasheet HTML 1Page - Vishay Siliconix TLHK4400 Datasheet HTML 2Page - Vishay Siliconix TLHK4400 Datasheet HTML 3Page - Vishay Siliconix TLHK4400 Datasheet HTML 4Page - Vishay Siliconix TLHK4400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TLHK4400
Vishay Telefunken
2 (5)
Rev. A1, 03-Apr-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83101
Absolute Maximum Ratings
Tamb = 25_C, unless otherwise specified
TLHK4400
Parameter
Test Conditions
Symbol
Value
Unit
Reverse voltage
VR
5
V
DC forward current
Tamb ≤ 60°C
IF
30
mA
Surge forward current
tp ≤ 10 ms
IFSM
0.1
A
Power dissipation
Tamb ≤ 60°C
PV
80
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
–40 to +100
°C
Storage temperature range
Tstg
–55 to +100
°C
Soldering temperature
t
≤ 5 s, 2 mm from body
Tsd
260
°C
Thermal resistance junction/ambient
RthJA
400
K/W
Optical and Electrical Characteristics
Tamb = 25_C, unless otherwise specified
Red (TLHK4400 )
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Luminous intensity
IF = 10 mA
IV
16
140
mcd
Dominant wavelength
IF = 10 mA
ld
630
nm
Peak wavelength
IF = 10 mA
lp
643
nm
Angle of half intensity
IF = 10 mA
ϕ
±30
deg
Forward voltage
IF = 20 mA
VF
1.9
2.6
V
Reverse voltage
IR = 10 mA
VR
5
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
20
406080
0
25
50
75
100
125
Tamb – Ambient Temperature ( °C )
100
95 10887
Figure 1 Power Dissipation vs. Ambient Temperature
0
10
20
30
40
60
0
20
406080
Tamb – Ambient Temperature ( °C )
100
95 10894
50
Figure 2 Forward Current vs. Ambient Temperature


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn