Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TLHF5400 Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. TLHF5400
Description  High Intensity LED, 5 mm Tinted Diffused Package
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHF5400 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLHF5400 Datasheet HTML 1Page - Vishay Siliconix TLHF5400 Datasheet HTML 2Page - Vishay Siliconix TLHF5400 Datasheet HTML 3Page - Vishay Siliconix TLHF5400 Datasheet HTML 4Page - Vishay Siliconix TLHF5400 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TLHF5400
Vishay Telefunken
1 (5)
Rev. A1, 04-Feb-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 83132
High Intensity LED, ø 5 mm Tinted Diffused Package
Color
Type
Technology
Angle of Half Intensity
±ö
Soft orange
TLHF5400
AlInGaP on GaAs
30
°
Description
This device has been designed to meet the increasing
demand for extremely bright yellow LEDs.
It is housed in a 5 mm tinted diffused plastic package.
The very wide viewing angle of this device provides a
high luminous intensity.
Features
D AlInGaP technology
D Standard T-1¾ package
D Small mechanical tolerances
D Suitable for DC and high peak current
D Wide viewing angle
D Very high intensity
D Luminous intensity categorized
94 8631
Applications
Status lights
OFF / ON indicator
Lightpipe
Outdoor display
Medical instruments
Maintenance lights
Legend lights


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn