Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPT42-M Datasheet(PDF) 3 Page - Emerson Network Power

Part # LPT42-M
Description  Universal input
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPT42-M Datasheet(HTML) 3 Page - Emerson Network Power

  LPT42-M Datasheet HTML 1Page - Emerson Network Power LPT42-M Datasheet HTML 2Page - Emerson Network Power LPT42-M Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. 2.16.09_165
LPT40-M Series
3 of 3
Embedded Power for
Business-Critical Continuity
MechanicalDrawing
3.00"
(76.2)
2.55"
(64.8)
0.22"
(5.6)
1.14"
(29)
0.12"
(3)
4.55"
(115.6)
5.00"
(127)
SK 1
SK 2
1
2
3
4
5
6
0.15" (4)
DIA (4 places)
GND
1
3
N
L
M1
M2
_ +
Remote Sense
Connector
SK201
Voltage
Adj. Pot
PinAssignments
Connector LPT42-M LPT45-M
SK1-1
Line
Line
SK1-3
Neutral
Neutral
SK2-1
+12V
+15V
SK2-2
+5V
+5V
SK2-3
+5V
+5V
SK2-4
Common Common
SK2-5
Common Common
SK2-6
-12V
-15V
SK201-1
+Sense
+Sense
SK201-2
-Sense
-Sense
MatingConnectors
ACInput: Molex09-50-8031(USA)
09-91-0300(UK)
PINS:08-58-0111
DC
Outputs:
Molex09-50-8061(USA)
09-91-0600(UK)
PINS:08-58-0111
Remote
Sense:
Molex22-01-2025
PINS:08-52-0114
EmersonNetworkPowerConnectorKit#70-841-006,
includesalloftheabove
1. Specificationssubjecttochangewithoutnotice.
2. Alldimensionsininches(mm),toleranceis±0.02”
(±0.5mm)
3. MountingholesM1andM2shouldbegroundedfor
EMIpurposes.
4. MountingholeM1issafetygroundconnection.
5. Specificationsareforconvectionratingatfactoryset-
tingsat115VACinput,25°Cunlessotherwisestated.
6. Warranty:2year
7. Weight:0.5lbs/0.23kg
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
informationorforanyerrorsoromissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2008EmersonElectricCo.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-criticalcontinuity.
ACPower
Connectivity
DCPower


Similar Part No. - LPT42-M

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPT42-M ASTEC-LPT42-M Datasheet
81Kb / 3P
   40 Watts
logo
Emerson Network Power
LPT42-M EMERSON-NETWORKPOWER-LPT42-M Datasheet
568Kb / 3P
   Universal input
More results

Similar Description - LPT42-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPT25 EMERSON-NETWORKPOWER-LPT25 Datasheet
102Kb / 3P
   Universal input
LPT40 EMERSON-NETWORKPOWER-LPT40 Datasheet
541Kb / 3P
   Universal input
NLP65 EMERSON-NETWORKPOWER-NLP65 Datasheet
343Kb / 4P
   Universal Input
LPS50 EMERSON-NETWORKPOWER-LPS50 Datasheet
515Kb / 3P
   Universal input
logo
Total Power Internation...
TPS-40LB TOTAL-POWER-TPS-40LB Datasheet
229Kb / 2P
   Universal input
logo
Emerson Network Power
LPS41 EMERSON-NETWORKPOWER-LPS41_09 Datasheet
314Kb / 3P
   Universal input
LPS40 EMERSON-NETWORKPOWER-LPS40 Datasheet
124Kb / 3P
   Universal input
LPT42-M EMERSON-NETWORKPOWER-LPT42-M Datasheet
568Kb / 3P
   Universal input
LPS60 EMERSON-NETWORKPOWER-LPS60 Datasheet
121Kb / 3P
   Universal input
LPS110 EMERSON-NETWORKPOWER-LPS110 Datasheet
203Kb / 2P
   Universal input
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com