Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IBC17AEN4812-REY Datasheet(PDF) 1 Page - Emerson Network Power

Part # IBC17AEN4812-REY
Description  2nd Generation IBC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IBC17AEN4812-REY Datasheet(HTML) 1 Page - Emerson Network Power

  IBC17AEN4812-REY Datasheet HTML 1Page - Emerson Network Power IBC17AEN4812-REY Datasheet HTML 2Page - Emerson Network Power IBC17AEN4812-REY Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
IBC
Eighth-Brick Series
2nd Generation IBC
Special Features
• 48Vinputwithisolated12V
output
• Ultra-highefficiency,95.5%
12V@25A
• Unprecedentedusable
output power levels
• Highpowerdensity
(362 W/in3) open-frame
technology
• Wideoperatingambient
temperaturerange
• Industrystandardeighth-
brick footprint and pinout
• Lowprofile,0.40”(10.2mm)
• Meetsbasicinsulation
requirementsofEN60950-1
• RemoteON/OFFandover-
temperature protection
• AvailableRoHScompliant
•2yearwarranty
Total Power:
200-300W
Input Voltage: 36-75Vdc
Safety
•UL/cUL60950-1,1stEdition
•EN60950-1VDE
Rev.11.25.08_136
Eighth-Brick IBC Series
1 of 3
ElectricalSpecifications
Output
Outputsetpointaccuracy:
See table
Lineregulation:
Lowlinetohighline
Seetable
Loadregulation:
Fullloadtomin.load
Seetable
Total error band
(includingsetpoint,line,
loadandtemperature):
IBC25AET4812
9.70-13.40Vdc
IBC20AES4812
11.52-12.48Vdc
IBC17AEW4812
11.40-12.60Vdc
Minimumload:
0A
Overshoot:
Atturnonandturn-off
None
Undershoot:
None
Rippleandnoise:
5-20MHz
(Seenote2)
60mVpk-pktyp.
20mVrmstyp.
Input
Inputvoltagerange:
See table
Inputcurrent:
RemoteOFF
6mAtyp.
Inputcurrent(max.):
(Seenote1)
6.9Amax.@lomax.
andVin=min.rated
Inputreflectedripple:
(Seenote4)
IBC25AET4812
550mA(pk-pk)
IBC20AES4812
230mA(pk-pk)
IBC17AEW4812
230mA(pk-pk)
RemoteON/Off:
Logiccompatiblity:
On
OFF
(see note 6)
Opencollectorref.to-input
>2.4Vdc
<0.4Vdc
Undervoltagelockout:
IBC25AET4812:
IBC20AES4812:
IBC17AEW4812:
Power-up
40V
Power-down
38V
Powerup
35.2V
Powerdown
34V
Startup time (seenote3):
Power-up
15ms
RemoteON/OFF
5ms


Similar Part No. - IBC17AEN4812-REY

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
IBC-C01D0141 JDSU-IBC-C01D0141 Datasheet
169Kb / 4P
   50/100 GHz, 100/200 GHz Passive Interleavers
IBC-C01D0145 JDSU-IBC-C01D0145 Datasheet
169Kb / 4P
   50/100 GHz, 100/200 GHz Passive Interleavers
IBC-C01D5141 JDSU-IBC-C01D5141 Datasheet
169Kb / 4P
   50/100 GHz, 100/200 GHz Passive Interleavers
IBC-C01D5145 JDSU-IBC-C01D5145 Datasheet
169Kb / 4P
   50/100 GHz, 100/200 GHz Passive Interleavers
IBC-C01DA141 JDSU-IBC-C01DA141 Datasheet
169Kb / 4P
   50/100 GHz, 100/200 GHz Passive Interleavers
More results

Similar Description - IBC17AEN4812-REY

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
QB2GIBC EMERSON-NETWORKPOWER-QB2GIBC Datasheet
329Kb / 4P
   2nd Generation IBC
IBC60 EMERSON-NETWORKPOWER-IBC60 Datasheet
1Mb / 4P
   Fixed Ratio 2nd Generation IBC
logo
Samsung semiconductor
S1L9224X01 SAMSUNG-S1L9224X01 Datasheet
385Kb / 55P
   VIDEO-CD 2ND GENERATION
KB9224 SAMSUNG-KB9224 Datasheet
450Kb / 55P
   VIDEO-CD 2ND GENERATION
logo
AAEON Technology
EMB-Q77A AAEON-EMB-Q77A Datasheet
454Kb / 2P
   Intel짰 3rd/2nd Generation Core?
logo
Infineon Technologies A...
IDC05S60C INFINEON-IDC05S60C Datasheet
60Kb / 4P
   2nd generation thinQ SiC Schottky Diode
05.04.2006
IDD04S60C INFINEON-IDD04S60C Datasheet
241Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-04-03
IDT06S60C INFINEON-IDT06S60C Datasheet
237Kb / 7P
   2nd generation thinQ SiC Schottky Diode
Rev. 2.0 2006-03-14
IDT08S60C INFINEON-IDT08S60C Datasheet
231Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-03-14
IDT06S60C INFINEON-IDT06S60C_08 Datasheet
424Kb / 7P
   2nd generation thinQ SiC Schottky Diode
Rev. 2.1 2008-06-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com