Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPT25 Datasheet(PDF) 3 Page - Emerson Network Power

Part # LPT25
Description  Universal input
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

LPT25 Datasheet(HTML) 3 Page - Emerson Network Power

  LPT25 Datasheet HTML 1Page - Emerson Network Power LPT25 Datasheet HTML 2Page - Emerson Network Power LPT25 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. 02.05.07
LPT25 Series
3of 3
Emerson Network Power and the Emerson
Network Power logo are trademarks and
service marks of Emerson Electric Co.
©2007 Emerson Electric Co.
Embedded Power for
Business-Critical Continuity
Emerson Network Power.
The global leader in enabling
business-critical continuity.
EmersonNetworkPower. com
AC Power
Connectivity
DC Power
Embedded Power
Inbound Power
Integrated Cabinet Solutions
Outside Plant
Precision Cooling
Site Monitoring and Services
Mechanical Drawing
Astec
5810 Van Allen Way
Carlsbad, CA 92008
USA
Telephone: +1 760 930 4600
Facsimile: +1 760 930 0698
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
Telephone: +44 (0) 1384 842 211
Facsimile: +44 (0) 1384 843 355
13-15, Shing Wan Road
Tai Wai, Shatin, N. T.
Hong Kong
Telephone: +852 2699 2868
Facsimile: +852 2699 1770
For global contact, visit:
www.astecpower.com
technicalsupport@astec.com
While every precaution has been taken to ensure
accuracy and completeness in this literature,
Emerson Network Power assumes no responsibility,
and disclaims
all liability for damages resulting from use of this
information or for any errors or omissions.
3.00"
(76.2)
2.55"
(64.8)
0.22"
(5.6)
1.14"
(29)
0.197"
(5)
4.55"
(115.6)
5.00"
(127)
SK 1
SK 2
1
2
3
4
5
6
0.15" (4)
DIA (4 places)
GND
1
3
N
L
M1
M2
_ +
Remote Sense
Connector
SK201
Voltage
Adj. Pot
Pin Assignments
C
Co
on
nn
ne
ecctto
orr LLP
PT
T2
22
2
LLP
PT
T2
23
3
LLP
PT
T2
24
4
LLP
PT
T2
25
5
SK1-1
Line
Line
Line
Line
SK1-3
Neutral
Neutral
Neutral
Neutral
SK2-1
+12V
+12V
+12V
+15V
SK2- 2
+5 V
+5V
+5V
+5V
SK2- 3
+5 V
+5V
+5V
+5V
SK2-4
Common
Common
Common
Common
SK2-5
Common
Common
Common
Common
SK2-6
-12V
-12V
-5V
-15V
SK201-1
+Sense
+Sense
+Sense
+Sense
SK201-2
-Sense
-Sense
-Sense
-Sense
Mating Connectors
A
AC
C IIn
np
pu
utt::
Molex 09-50-8031 (USA) N
No
ott rre
eq
qu
uiirre
ed
d ffo
orr ((--T
T)) o
op
pttiio
on
n
09-91-0300 (UK)
PINS: 08-52-0113
D
DC
C O
Ou
uttp
pu
uttss:: Molex 09-50-8061 (USA) N
No
ott rre
eq
qu
uiirre
ed
d ffo
orr ((--T
T)) o
op
pttiio
on
n
09-91-0600 (UK)
PINS: 08-52-0113
R
Re
em
mo
otte
e
S
Se
en
nsse
e::
Molex 22-01-2025
PINS: 08-52-0123
Astec Connector Kit #70-841-006, includes all of the above
1.
Specifications subject to change without notice.
2.
All dimensions in inches (mm), tolerance is ±0.02" (±0.5mm)
3.
Mounting holes M1 and M2 should be grounded for
EMI purposes.
4.
Mounting hole M1 is safety ground connection.
5.
Specifications are for convection rating at factory settings at
115 VAC input, 25°C unless otherwise stated.
6.
Warranty: 2 year
7.
Weight: 0.5lbs/0.23kg


Similar Part No. - LPT25

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
LPT25 ASTEC-LPT25 Datasheet
79Kb / 3P
   25 Watts
logo
Artesyn Technologies
LPT25 ARTESYN-LPT25 Datasheet
1Mb / 4P
   Total Power: 25 - 40 Watts
logo
Astec America, Inc
LPT25-T ASTEC-LPT25-T Datasheet
79Kb / 3P
   25 Watts
More results

Similar Description - LPT25

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPT40 EMERSON-NETWORKPOWER-LPT40 Datasheet
541Kb / 3P
   Universal input
NLP65 EMERSON-NETWORKPOWER-NLP65 Datasheet
343Kb / 4P
   Universal Input
LPS50 EMERSON-NETWORKPOWER-LPS50 Datasheet
515Kb / 3P
   Universal input
logo
Total Power Internation...
TPS-40LB TOTAL-POWER-TPS-40LB Datasheet
229Kb / 2P
   Universal input
logo
Emerson Network Power
LPS41 EMERSON-NETWORKPOWER-LPS41_09 Datasheet
314Kb / 3P
   Universal input
LPS40 EMERSON-NETWORKPOWER-LPS40 Datasheet
124Kb / 3P
   Universal input
LPT42-M EMERSON-NETWORKPOWER-LPT42-M Datasheet
568Kb / 3P
   Universal input
LPT40-M EMERSON-NETWORKPOWER-LPT40-M Datasheet
541Kb / 3P
   Universal input
LPS60 EMERSON-NETWORKPOWER-LPS60 Datasheet
121Kb / 3P
   Universal input
LPS110 EMERSON-NETWORKPOWER-LPS110 Datasheet
203Kb / 2P
   Universal input
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com