Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IBC17AQS4812-ENJ Datasheet(PDF) 2 Page - Emerson Network Power

Part # IBC17AQS4812-ENJ
Description  2nd Generation IBC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

IBC17AQS4812-ENJ Datasheet(HTML) 2 Page - Emerson Network Power

  IBC17AQS4812-ENJ Datasheet HTML 1Page - Emerson Network Power IBC17AQS4812-ENJ Datasheet HTML 2Page - Emerson Network Power IBC17AQS4812-ENJ Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RoHS Compliance(7,8)
J=Pb-free
(RoHS6/6
compliant)
Y=RoHS5/6
compliant
Rev.11.25.08_136
Eighth-Brick IBC Series
2 of 3
Embedded Power for
Business-Critical Continuity
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Thermal
performance:
Operatingambienttemperature
-40°Cto+85°C
Non-operating -55°Cto+125°C
Protection
Short-circuit:
Hiccup
Overvoltage: (Seenote9)
Non-latching
Thermal:
125°Chotspot
EnvironmentalSpecifications
GeneralSpecifications
Efficiency:
See table
Basicinsulation:
Input/output2250Vdc
Switchingfrequency:
Fixed600kHztyp.
Approvalsand
standards(seenote5):
EN60950-1VDE
UL/cUL60950-1
Materialflammability:
UL94V-0
Weight:
33g(1.16oz)
MTBF
Representativemodel:
TelcordiaTechSR-3325,500,000hours
48Vin,40°C,50%load
groundbenign
EMCCharateristics
Immunity:
ESDairenclosure:
EN61000-4-28kV,6kV(Aircontact)
Inputtransients:
IBC25AET481260V.100ms
IBC20AES481260V.100ms
IBC17AEW4812100V.100ms
Allspecificationsaretypicalatnominalinput,fullloadat25°Cunlessotherwisestated.
OrderingInformation
Output
Power
(Max.)
Input
Voltage
Output
Voltage
Output
Current
(Min.)
Output Current
(Max.)
Efficiency
(Typ.)
Regulation2 (typical)
Model Number
Set Point
Accuracy%
Line%
Load%
300W
42-53Vdc
12V
0A
25A
95.5%
---
+10,-12.5%
±1.5%
IBC25AET4812J
240W
42-53Vdc
12V
0A
20A
94.5%
±0.25%
±0.3%
-2/-1.5%
IBC20AES4812J
200W
36-75Vdc
12V
0A
17A
94.0%
±0.25%
±1.0%
-3/+2%
IBC17AEW4812J
Product Family
IBC Intermediate
Bus Converter
2nd Generation
Rated Output
Current
17A=
17Ampsetc.
Remote ON/
OFF Logic
Blank=
Positive
R=Negative
(See Note 6)
Input Voltage Type
T=NarrowInput
FixedRatio
S=NarrowInput
Semi-reguated
N=NarrowTelecom
FixedRatio
W=WideTelecom
Semi-reguated
Pin Length
Options
Blank=0.188”
(4.78mm)
N=0.145”
(3.68mm)
K=0.110”
(2.79mm)
Module Height
A=Open-frame
0.40in(10.2
mm)
E=Open-rame,
0.45in(11.4
mm)
Output
Voltage
12=12V
Input
Voltage
48=48V
Form Factor
E=Eighth-
Brick
Q=Quarter-
brick
S=Sixteenth-
brick
PartNumberSystemwithOptions
Notes
1 Recommendedinputfusingisa20AHRC250Vratedfuse.
2 Measuredwithexternalfilter.SeeApplicationNote182fordetails.
3 Start-upintoresistiveload.
4 PeaktopeakmeasuredwithoutexternalPifilter.Significantreduction
possiblewithexternalfilter.SeeApplicationNote182fordetails.
5 Thisproductisonlyforinclusionbyprofessionalinstallerswithinother
equipmentandmustnotbeoperatedasastandaloneproduct.
CAUTION:Hazardousinternalvoltagesandhightemperatures.
Ensurethatunitisnotuseraccessible.
6 Active-lowremoteON/OFFoptionisalsoavailable.Pleaseaddthesuffix‘-R’
tothepartnumber,e.g.IBC17AEW4812-RAJ.
7 TSERoHS5/6(nonPb-free)compliantversionsmaybeavailableonspecial
request,pleasecontactyourlocalsalesrepresentativefordetails.
8 NOTICE:Somemodelsdonotsupportalloptions.Pleasecontactyourlocal
Salesrepresentativeorusetheon-linemodelnumbersearchtoolathttp://
www.powerconversion.comtofindasuitablealternative.
IBC
17A
E
W
48
12 -
R
A
N
J


Similar Part No. - IBC17AQS4812-ENJ

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
IBC-C01D0141 JDSU-IBC-C01D0141 Datasheet
169Kb / 4P
   50/100 GHz, 100/200 GHz Passive Interleavers
IBC-C01D0145 JDSU-IBC-C01D0145 Datasheet
169Kb / 4P
   50/100 GHz, 100/200 GHz Passive Interleavers
IBC-C01D5141 JDSU-IBC-C01D5141 Datasheet
169Kb / 4P
   50/100 GHz, 100/200 GHz Passive Interleavers
IBC-C01D5145 JDSU-IBC-C01D5145 Datasheet
169Kb / 4P
   50/100 GHz, 100/200 GHz Passive Interleavers
IBC-C01DA141 JDSU-IBC-C01DA141 Datasheet
169Kb / 4P
   50/100 GHz, 100/200 GHz Passive Interleavers
More results

Similar Description - IBC17AQS4812-ENJ

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
QB2GIBC EMERSON-NETWORKPOWER-QB2GIBC Datasheet
329Kb / 4P
   2nd Generation IBC
IBC60 EMERSON-NETWORKPOWER-IBC60 Datasheet
1Mb / 4P
   Fixed Ratio 2nd Generation IBC
logo
Samsung semiconductor
S1L9224X01 SAMSUNG-S1L9224X01 Datasheet
385Kb / 55P
   VIDEO-CD 2ND GENERATION
KB9224 SAMSUNG-KB9224 Datasheet
450Kb / 55P
   VIDEO-CD 2ND GENERATION
logo
AAEON Technology
EMB-Q77A AAEON-EMB-Q77A Datasheet
454Kb / 2P
   Intel짰 3rd/2nd Generation Core?
logo
Infineon Technologies A...
IDC05S60C INFINEON-IDC05S60C Datasheet
60Kb / 4P
   2nd generation thinQ SiC Schottky Diode
05.04.2006
IDD04S60C INFINEON-IDD04S60C Datasheet
241Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-04-03
IDT06S60C INFINEON-IDT06S60C Datasheet
237Kb / 7P
   2nd generation thinQ SiC Schottky Diode
Rev. 2.0 2006-03-14
IDT08S60C INFINEON-IDT08S60C Datasheet
231Kb / 7P
   2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-03-14
IDT06S60C INFINEON-IDT06S60C_08 Datasheet
424Kb / 7P
   2nd generation thinQ SiC Schottky Diode
Rev. 2.1 2008-06-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com