Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1699EMS8-80 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1699EMS8-80
Description  SMBus VID Voltage Programmers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1699EMS8-80 Datasheet(HTML) 4 Page - Linear Technology

  LTC1699EMS8-80 Datasheet HTML 1Page - Linear Technology LTC1699EMS8-80 Datasheet HTML 2Page - Linear Technology LTC1699EMS8-80 Datasheet HTML 3Page - Linear Technology LTC1699EMS8-80 Datasheet HTML 4Page - Linear Technology LTC1699EMS8-80 Datasheet HTML 5Page - Linear Technology LTC1699EMS8-80 Datasheet HTML 6Page - Linear Technology LTC1699EMS8-80 Datasheet HTML 7Page - Linear Technology LTC1699EMS8-80 Datasheet HTML 8Page - Linear Technology LTC1699EMS8-80 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC1699 Series
4
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Supply Voltage
Supply Current vs Temperature
Resistance Between SENSE and FB
Pins vs Temperature (LTC1699-81)
SCL, SDA, SEL and VRON Input
High and Low Voltage vs
Temperature
SCL, SDA, SEL and VRON Input
High and Low Voltage vs Supply
Voltage
SCL, SDA, SEL and VRON
Hysteresis vs Temperature
SCL, SDA, SEL and VRON
Hysteresis vs Supply Voltage
SDA, CPU_ON, IO_ON, CLK_ON
Output Low Voltage vs
Temperature
VCC (V)
1.5
1699 G01
350
300
250
200
150
100
50
0
2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7
TA = 25°C
TEMPERATURE (
°C)
1699 G02
300
250
200
150
100
50
0
–55 –35 –15
5
25
45
65
85 105 125
VCC = 5.5V
VCC = 2.7V
TEMPERATURE (
°C)
1699 G03
20.08
20.06
20.04
20.02
20.00
19.98
19.96
19.94
19.92
19.90
19.88
–55 –35 –15
5
25
45
65
85 105 125
VCC = 2.7V TO 5.5V
TEMPERATURE (
°C)
1699 G04
1.40
1.35
1.30
1.25
1.20
1.15
1.10
–55 –35 –15
5
25
45
65
85 105 125
INPUT HIGH, VCC = 5.5V
INPUT LOW, VCC = 5.5V
INPUT HIGH, VCC = 2.7V
INPUT LOW, VCC = 2.7V
SUPPLY VOLTAGE (V)
1699 G05
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
INPUT HIGH
TA = 25°C
INPUT LOW
TEMPERATURE (
°C)
1699 G06
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
–55 –35 –15
5
25
45
65
85 105 125
VCC = 5.5V
VCC = 2.7V
SUPPLY VOLTAGE (V)
1699 G07
0.10
0.09
0.08
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
T = 25
°C
TEMPERATURE (
°C)
1699 G08
0.25
0.20
0.15
0.10
0.05
0
–55 –35 –15
5
25
45
65
85 105 125
VCC = 2.7V
IPIN = 3mA
VCC = 5.5V
TEMPERATURE (
°C)
1699 G18
10.08
10.06
10.04
10.02
10.00
9.98
9.96
9.94
9.92
–55 –35 –15
5
25
45
65
85 105 125
VCC = 2.7V TO 5.5V
Resistance Between SENSE and
FB Pins vs Temperature
(LTC1699-80, LTC1699-82)


Similar Part No. - LTC1699EMS8-80

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1699 LINER-LTC1699_15 Datasheet
260Kb / 20P
   SMBus VID Voltage Programmers
More results

Similar Description - LTC1699EMS8-80

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1699 LINER-LTC1699_15 Datasheet
260Kb / 20P
   SMBus VID Voltage Programmers
logo
List of Unclassifed Man...
SA015A1T ETC2-SA015A1T Datasheet
138Kb / 3P
   Universal Programmers
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
LTC1706-19 LINER-LTC1706-19 Datasheet
212Kb / 8P
   VID Voltage Programmer
logo
Silicon Laboratories
AN169 SILABS-AN169 Datasheet
156Kb / 36P
   PROGRAMMERS GUIDE
logo
STMicroelectronics
ST6-EPB STMICROELECTRONICS-ST6-EPB Datasheet
48Kb / 3P
   ST6 EPROM programmers
October 2010 Rev 1
logo
Aries Electronics, Inc.
LP300 ARIES-LP300 Datasheet
121Kb / 1P
   Programmers and Shorting Plugs
logo
Linear Technology
LTC1706-81 LINER-LTC1706-81 Datasheet
148Kb / 8P
   5-Bit Desktop VID Voltage Programmer
logo
Aries Electronics, Inc.
16003 ARIES-16003 Datasheet
192Kb / 1P
   Programmers and Shorting Plugs
logo
Pericom Semiconductor C...
PI6ULS5V9306 PERICOM-PI6ULS5V9306 Datasheet
712Kb / 14P
   SMBus voltage-level translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com