Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1659CMS8-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1659CMS8-TRPBF
Description  12-Bit Rail-to-Rail Micropower DAC in MSOP Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1659CMS8-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1659CMS8-TRPBF Datasheet HTML 4Page - Linear Technology LTC1659CMS8-TRPBF Datasheet HTML 5Page - Linear Technology LTC1659CMS8-TRPBF Datasheet HTML 6Page - Linear Technology LTC1659CMS8-TRPBF Datasheet HTML 7Page - Linear Technology LTC1659CMS8-TRPBF Datasheet HTML 8Page - Linear Technology LTC1659CMS8-TRPBF Datasheet HTML 9Page - Linear Technology LTC1659CMS8-TRPBF Datasheet HTML 10Page - Linear Technology LTC1659CMS8-TRPBF Datasheet HTML 11Page - Linear Technology LTC1659CMS8-TRPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
LTC1659
9
1659fa
APPLICATIONS INFORMATION
Rail-to-Rail Output Considerations
In any rail-to-rail DAC, the output swing is limited to volt-
ages within the supply range.
If the DAC offset is negative, the output for the lowest
codes limits at 0V as shown in Figure 1b.
Similarly, limiting can occur near full scale when the REF
pin is tied to VCC. If VREF = VCC and the DAC full-scale
Figure 1. Effects of Rail-to-Rail Operation on a DAC Transfer Curve
(1a) Overall Transfer Function
(1b) Effect of Negative Offset for Codes Near Zero Scale
(1c) Effect of Positive Full-Scale Error for Input Codes Near Full Scale When VREF = VCC
error (FSE) is positive, the output for the highest codes
limits at VCC as shown is Figure 1c. No full-scale limiting
can occur if VREF is less than VCC – FSE.
Offset and linearity are defined and tested over the region
of the DAC transfer function where no output limiting can
occur.
1659 F01
INPUT CODE
(1b)
OUTPUT
VOLTAGE
NEGATIVE
OFFSET
0V
2048
0
4095
INPUT CODE
OUTPUT
VOLTAGE
(1a)
VREF = VCC
VREF = VCC
(1c)
INPUT CODE
OUTPUT
VOLTAGE
POSITIVE
FSE


Similar Part No. - LTC1659CMS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1659CMS8 LINER-LTC1659CMS8 Datasheet
132Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
More results

Similar Description - LTC1659CMS8-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1659 LINER-LTC1659 Datasheet
132Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1659 LINER-LTC1659_15 Datasheet
142Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
LTC1658 LINER-LTC1658_15 Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
LTC1658 LINER-LTC1658 Datasheet
261Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Dimensions Semic...
LTC1658CS8PBF LINEAR_DIMENSIONS-LTC1658CS8PBF Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Technology
LTC1448 LINER-LTC1448 Datasheet
241Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1448 LINER-LTC1448_15 Datasheet
223Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DAC
LTC1655 LINER-LTC1655 Datasheet
92Kb / 12P
   16-Bit Rail-to-Rail Micropower DAC in SO-8 Package
LTC1456 LINER-LTC1456_15 Datasheet
163Kb / 8P
   12-Bit Rail-to-Rail Micropower DAC with Clear Input
LTC1456 LINER-LTC1456 Datasheet
148Kb / 8P
   12-Bit Rail-to-Rail Micropower DAC with Clear Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com