Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1662CMS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1662CMS8
Description  Ultralow Power, Dual 10-Bit DAC in MSOP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1662CMS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1662CMS8 Datasheet HTML 3Page - Linear Technology LTC1662CMS8 Datasheet HTML 4Page - Linear Technology LTC1662CMS8 Datasheet HTML 5Page - Linear Technology LTC1662CMS8 Datasheet HTML 6Page - Linear Technology LTC1662CMS8 Datasheet HTML 7Page - Linear Technology LTC1662CMS8 Datasheet HTML 8Page - Linear Technology LTC1662CMS8 Datasheet HTML 9Page - Linear Technology LTC1662CMS8 Datasheet HTML 10Page - Linear Technology LTC1662CMS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1662
TI I G DIAGRA
SDI
CS/LD
SCK
A3
A2
1662 TD
A1
X1
X0
t2
t9
t11
t5
t7
t6
t1
t3
t4
DEFI ITIO S
SDI
SCK
CS/LD
A3
A2
INPUT CODE
DON’T CARE
A1
A0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X1
X0
1662 F01
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
(SCK ENABLED)
(INSTRUCTION
EXECUTED)
CONTROL CODE
INPUT WORD W0
Figure 1. Register Loading Sequence
where VOUT is the output voltage of the DAC measured at
the given input code.
Least Significant Bit (LSB): The ideal voltage difference
between two successive codes.
LSB = VREF/1024
Resolution (n): Defines the number of DAC output states
(2n) that divide the full-scale range. Resolution does not
imply linearity.
Voltage Offset Error (VOS): Nominally, the voltage at the
output when the DAC is loaded with all zeros. A single
supply DAC can have a true negative offset, but the output
cannot go below zero (see Figure 2).
For this reason, single supply DAC offset is measured at
the lowest code that guarantees the output will be greater
than zero.
OPERATIO


Similar Part No. - LTC1662CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1662CMS8 LINER-LTC1662CMS8 Datasheet
185Kb / 12P
   Ultralow Power, Dual 10-Bit DAC in MSOP
More results

Similar Description - LTC1662CMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1662 LINER-LTC1662_15 Datasheet
230Kb / 16P
   Ultralow Power, Dual 10-Bit DAC in MSOP
LTC1662 LINER-LTC1662 Datasheet
185Kb / 12P
   Ultralow Power, Dual 10-Bit DAC in MSOP
LTC1661 LINER-LTC1661 Datasheet
147Kb / 12P
   Micropower Dual 10-Bit DAC in MSOP
LTC1661 LINER-LTC1661_15 Datasheet
235Kb / 14P
   Micropower Dual 10-Bit DAC in MSOP
logo
Analog Devices
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091RBRMZ AD-AD7091RBRMZ Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
logo
Linear Technology
LTC1658 LINER-LTC1658_15 Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
LTC1658 LINER-LTC1658 Datasheet
261Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Dimensions Semic...
LTC1658CS8PBF LINEAR_DIMENSIONS-LTC1658CS8PBF Datasheet
242Kb / 12P
   14-Bit Rail-to-Rail Micropower DAC in MSOP
logo
Linear Technology
LTC1659 LINER-LTC1659_1 Datasheet
136Kb / 12P
   12-Bit Rail-to-Rail Micropower DAC in MSOP Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com