Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1654 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1654
Description  Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1654 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1654_1 Datasheet HTML 7Page - Linear Technology LTC1654_1 Datasheet HTML 8Page - Linear Technology LTC1654_1 Datasheet HTML 9Page - Linear Technology LTC1654_1 Datasheet HTML 10Page - Linear Technology LTC1654_1 Datasheet HTML 11Page - Linear Technology LTC1654_1 Datasheet HTML 12Page - Linear Technology LTC1654_1 Datasheet HTML 13Page - Linear Technology LTC1654_1 Datasheet HTML 14Page - Linear Technology LTC1654_1 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1654
1654fb
Rail-to-Rail Output Considerations
Rail-to-rail DACs take full advantage of the supply range
available to them, but cannot produce output voltages
above VCC or below ground. See Figure 2a.
If REFLO is tied to GND, the output for the lowest codes
may limit at 0V, as shown in Figure 2b. Similarly, limiting
can occur near full scale if the REFHI pin is tied to VCC, as
shown in Figure 2c.
The offset, gain error and linearity of the LTC1654 are
defined and tested in output ranges that avoid limiting.
The low code kL used in these measurements is defined as
the code which gives a nominal output of 32mV above
ground; see Table 2.
Figure 2. Effects of Rail-to-Rail Operation On a DAC Transfer Curve: (a) Overall Transfer Function, (b) Effect of Negative
Offset for Codes Near Zero Scale, (c) Effect of Positive Full-Scale Error for Input Codes Near Full Scale When VREF = VCC
1654 F02
INPUT CODE
(b)
OUTPUT
VOLTAGE
NEGATIVE
OFFSET
0V
8192
0
16383
INPUT CODE
OUTPUT
VOLTAGE
(a)
VREF = VCC
VREF = VCC
(c)
INPUT CODE
OUTPUT
VOLTAGE
POSITIVE
FSE
APPLICATIO S I FOR ATIO
Table 2. Low Code kL
VREFHI, V
4.096 2.048
1
128
256
1/2
256
512
Note: VREFLO = O


Similar Part No. - LTC1654_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1654 LINER-LTC1654_15 Datasheet
195Kb / 16P
   Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
More results

Similar Description - LTC1654_1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1654 LINER-LTC1654_15 Datasheet
195Kb / 16P
   Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
LTC1654 LINER-LTC1654 Datasheet
154Kb / 12P
   Dual 14-Bit Rail-to-Rail DAC in 16-Lead SSOP Package
LTC2605 LINER-LTC2605 Datasheet
317Kb / 16P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600 Datasheet
434Kb / 16P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2610 LINER-LTC2610_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2620 LINER-LTC2620_15 Datasheet
348Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2605 LINER-LTC2605_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2600 LINER-LTC2600_1 Datasheet
343Kb / 20P
   Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
LTC2625 LINER-LTC2625_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
LTC2615 LINER-LTC2615_15 Datasheet
280Kb / 18P
   Octal 16-/14-/12-Bit Rail-to Rail DACs in 16-Lead SSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com