Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1606IG Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1606IG
Description  16-Bit, 250ksps, Single Supply ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1606IG Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1606IG Datasheet HTML 5Page - Linear Technology LTC1606IG Datasheet HTML 6Page - Linear Technology LTC1606IG Datasheet HTML 7Page - Linear Technology LTC1606IG Datasheet HTML 8Page - Linear Technology LTC1606IG Datasheet HTML 9Page - Linear Technology LTC1606IG Datasheet HTML 10Page - Linear Technology LTC1606IG Datasheet HTML 11Page - Linear Technology LTC1606IG Datasheet HTML 12Page - Linear Technology LTC1606IG Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1606
1606fa
capacitor as close to the device input pin as possible. If an
amplifier is to be used to drive the input, care should be
taken to select an amplifier with adequate accuracy, linear-
ity and noise for the application. The following list is a
summary of the op amps that are suitable for driving the
LTC1606. More detailed information is available in the
Linear Technology data books and LinearView
TM CD-ROM.
LT1007: Low noise precision amplifier. 2.7mA supply
current
±5V to ±15V supplies. Gain bandwidth product
8MHz. DC applications.
LT1097: Low cost, low power precision amplifier. 300
µA
supply current.
±5V to ±15V supplies. Gain bandwidth
product 0.7MHz. DC applications.
LT1227: 140MHz video current feedback amplifier. 10mA
supply current.
±5V to ±15V supplies. Low noise and low
distortion.
LT1360: 37MHz voltage feedback amplifier. 3.8mA supply
current.
±5V to ±15V supplies. Good AC/DC specs.
LT1363: 50MHz voltage feedback amplifier. 6.3mA supply
current. Good AC/DC specs.
LT1364/LT1365: Dual and quad 50MHz voltage feedback
amplifiers. 6.3mA supply current per amplifier. Good AC/
DC specs.
LT1468: 90MHz 22V/
µs 16-bit accurate amplifier.
LT1469: Dual LT1468
Internal Voltage Reference
The LTC1606 has an on-chip, temperature compensated,
curvature corrected, bandgap reference, which is factory
trimmed to 2.50V. The full-scale range of the ADC is equal
to (
±4 • VREF) or nominally ±10V. The output of the
reference is connected to the input of a buffer (1.64x)
through a 4k resistor (see Figure 3). The input to the buffer
or the output of the reference is available at REF (Pin 3).
The internal reference can be overdriven with an external
reference if more accuracy is needed. The buffer output
drives the internal DAC and is available at CAP (Pin 4). The
CAP pin can be used to drive a steady DC load of less than
2mA. Driving an AC load is not recommended because it
can cause the performance of the converter to degrade.
Figure 3. Internal or External Reference Source
+
1606 • F03
INTERNAL
CAPACITOR
DAC
BANDGAP
REFERENCE
4k
10
µF
CAP
(4.096V)
2.2
µF
REF
(2.5V)
4
3
R
0.64R
APPLICATIO S I FOR ATIO
For minimum code transition noise, the REF pin and the
CAP pin should each be decoupled with a capacitor to
filter wideband noise from the reference and the buffer
(2.2
µF tantalum for the REF pin and 10µF tantalum for the
CAP pin). To prevent the 10
µF bypass capacitor from
discharging through the CAP pin if the positive supply
(VDIG and VANA) were to drop, a diode (1N4148 or
equivalent) can be placed between the CAP pin and the
positive supply.
Offset and Gain Adjustments
The LTC1606 offset and full-scale errors have been trimmed
at the factory with the external resistors shown in Figure
4. This allows for external adjustment of offset and full
scale in applications where absolute accuracy is impor-
tant. See Figure 5 for the offset and gain trim circuit. The
100k resistor in parallel with the 33.2k is only needed for
externally trimming the offset. First, adjust the offset to
zero by adjusting resistor R3. Apply an input voltage
of –152.6
µV (–0.5LSB) and adjust R3 so the code is
+
5
4
3
2
1
10
µF
2.2
µF
33.2k
1%
±10V INPUT
200
1%
VIN
AGND1
REF
CAP
4.096V
AGND2
LTC1606
1606 • F04
Figure 4.
±10V Input Without Trim
LinearView is a trademark of Linear Technology Corporation


Similar Part No. - LTC1606IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1606IG LINER-LTC1606IG Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
More results

Similar Description - LTC1606IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1877 AD-AD1877 Datasheet
253Kb / 18P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870_02 Datasheet
272Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC2391-16 LINER-LTC2391-16 Datasheet
291Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16_15 Datasheet
229Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
logo
List of Unclassifed Man...
ZADCS1082 ETC2-ZADCS1082_11 Datasheet
508Kb / 27P
   10-Bit, 250ksps, ADC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com