Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1606CG Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1606CG
Description  16-Bit, 250ksps, Single Supply ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1606CG Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1606CG Datasheet HTML 4Page - Linear Technology LTC1606CG Datasheet HTML 5Page - Linear Technology LTC1606CG Datasheet HTML 6Page - Linear Technology LTC1606CG Datasheet HTML 7Page - Linear Technology LTC1606CG Datasheet HTML 8Page - Linear Technology LTC1606CG Datasheet HTML 9Page - Linear Technology LTC1606CG Datasheet HTML 10Page - Linear Technology LTC1606CG Datasheet HTML 11Page - Linear Technology LTC1606CG Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1606
1606fa
Conversion Details
The LTC1606 uses a successive approximation algorithm
and an internal sample-and-hold circuit to convert an
analog signal to a 16-bit or two byte parallel output. The
ADC is complete with a precision reference and an internal
clock. The control logic provides easy interface to micro-
processors and DSPs. (Please refer to the Digital Interface
section for the data format.)
Conversion start is controlled by the CS and R/C inputs. At
the start of conversion, the successive approximation
register (SAR) is reset. Once a conversion cycle has
begun, it cannot be restarted.
During the conversion, the internal 16-bit capacitive DAC
output is sequenced by the SAR from the most significant
bit (MSB) to the least significant bit (LSB). Referring to
Figure 1, VIN is connected through the resistor divider to
the sample-and-hold capacitor during the acquire phase
and the comparator offset is nulled by the autozero switches.
In this acquire phase, a minimum delay of 1.5
µs will
provide enough time for the sample-and-hold capacitor to
acquire the analog signal. During the convert phase, the
autozero switches open, putting the comparator into the
compare mode. The input switch switches CSAMPLE to
ground, injecting the analog input charge onto the sum-
ming junction. This input charge is successively com-
pared with the binary-weighted charges supplied by the
capacitive DAC. Bit decisions are made by the high speed
comparator. At the end of a conversion, the DAC output
balances the VIN input charge. The SAR contents (a 16-bit
data word) that represents the VIN are loaded into the
16-bit output latches.
Driving the Analog Inputs
The nominal input range for the LTC1606 is
±10V or
(
±4 • VREF)andtheinputisovervoltageprotectedto±25V.
The input impedance is typically 10k
Ω,therefore,itshould
be driven with a low impedance source. Wideband noise
coupling into the input can be minimized by placing a
1000pF capacitor at the input as shown in Figure 2. An
NPO-type capacitor gives the lowest distortion. Place the
Load Circuit for Access Timing
1k
30pF
30pF
DBN
DBN
1k
5V
1606 TC01
A. Hi-Z TO VOH AND VOL TO VOH
B. Hi-Z TO VOL AND VOH TO VOL
Load Circuit for Output Float Delay
1k
30pF
30pF
DBN
DBN
1k
5V
1606 TC02
A. VOH TO Hi-Z
B. VOL TO Hi-Z
TEST CIRCUITS
APPLICATIO S I FOR ATIO
VDAC
1606 • F01
+
CDAC
DAC
SAMPLE
HOLD
CSAMPLE
S
A
R
16-BIT
LATCH
COMPARATOR
SAMPLE
SI
RIN2
RIN1
VIN
Figure 1. LTC1606 Simplified Equivalent Circuit
1606 • F02
1000pF
33.2k
LTC1606
VIN
CAP
AIN
200
Figure 2. Analog Input Filtering


Similar Part No. - LTC1606CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1606CG LINER-LTC1606CG Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
More results

Similar Description - LTC1606CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1606 LINER-LTC1606 Datasheet
169Kb / 12P
   16-Bit, 250ksps, Single Supply ADC
LTC1606 LINER-LTC1606_15 Datasheet
205Kb / 16P
   16-Bit, 250ksps, Single Supply ADC
logo
Analog Devices
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1877 AD-AD1877 Datasheet
253Kb / 18P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870 AD-AD1870_02 Datasheet
272Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
logo
Linear Technology
LTC2391-16 LINER-LTC2391-16 Datasheet
291Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16_15 Datasheet
229Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
logo
List of Unclassifed Man...
ZADCS1082 ETC2-ZADCS1082_11 Datasheet
508Kb / 27P
   10-Bit, 250ksps, ADC Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com