Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1605-1IG Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1605-1IG
Description  Single Supply 16-Bit, 100ksps, Sampling ADCs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1605-1IG Datasheet(HTML) 4 Page - Linear Technology

  LTC1605-1IG Datasheet HTML 1Page - Linear Technology LTC1605-1IG Datasheet HTML 2Page - Linear Technology LTC1605-1IG Datasheet HTML 3Page - Linear Technology LTC1605-1IG Datasheet HTML 4Page - Linear Technology LTC1605-1IG Datasheet HTML 5Page - Linear Technology LTC1605-1IG Datasheet HTML 6Page - Linear Technology LTC1605-1IG Datasheet HTML 7Page - Linear Technology LTC1605-1IG Datasheet HTML 8Page - Linear Technology LTC1605-1IG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1605-1/LTC1605-2
The q denotes the specifications which apply over the full operating temperature
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE(MAX)
Maximum Sampling Frequency
q
100
kHz
tCONV
Conversion Time
q
8
µs
tACQ
Acquisition Time
q
2
µs
t1
Convert Pulse Width
(Note 11)
q
40
ns
t2
Data Valid Delay After R/C
(Note 9)
q
8
µs
t3
BUSY Delay from R/C
CL = 50pF
q
65
ns
t4
BUSY Low
8
µs
t5
BUSY Delay After End of Conversion
220
ns
t6
Aperture Delay
40
ns
t7
Bus Relinquish Time
q
10
35
83
ns
t8
BUSY Delay After Data Valid
q
50
200
ns
t9
Previous Data Valid After R/C
7.4
µs
t10
R/C to CS Setup Time
(Notes 9, 10)
10
ns
t11
Time Between Conversions
10
µs
t12
Bus Access and Byte Delay
(Notes 9, 10)
10
83
ns
The q denotes the specifications which apply over the full operating temperature
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Positive Supply Voltage
(Notes 9, 10)
4.75
5.25
V
IDD
Positive Supply Current
q
11
16
mA
PDIS
Power Dissipation
55
80
mW
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to ground with DGND, AGND1
and AGND2 wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below ground or above VANA =
VDIG = VDD, they will be clamped by internal diodes. This product can
handle input currents of greater than 100mA below ground or above VDD
without latch-up.
Note 4: When these pin voltages are taken below ground, they will be
clamped by internal diodes. This product can handle input currents of
90mA below ground without latchup. These pins are not clamped to VDD.
Note 5: VDD = 5V, fSAMPLE = 100kHz, tr = tf = 5ns unless otherwise
specified.
Note 6: Linearity, offset and full-scale specifications apply for a VIN input
with respect to ground.
Note 7: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual end points of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 8: Zero error for the LTC1605-1 is the voltage measured from
0.5LSB when the output code flickers between 0000 0000 0000 0000
and 0000 0000 0000 0001. Zero error for the LTC1605-2 is the voltage
measured from – 0.5LSB when the output code flickers between 0000
0000 0000 0000 and 1111 1111 1111 1111.
Note 9: Guaranteed by design, not subject to test.
Note 10: Recommended operating conditions.
Note 11: With CS low the falling R/C edge starts a conversion. If R/C
returns high at a critical point during the conversion it can create small
errors. For best results ensure that R/C returns high within 3
µs after the
start of the conversion.
Note 12: As measured with fixed resistors shown in Figure 4. Adjustable to
zero with external potentiometer.
Note 13: Full-scale error is the untrimmed deviation from ideal last code
transition, divided by the full-scale range and includes the effect of offset
error.
Note 14: All specifications in dB are referred to a full-scale 4V input for the
LTC1605-1 and to
±4V input for the LTC1605-2.
Note 15: Full-power bandwidth is defined as full-scale input frequency at
which a signal-to-(noise + distortion) degrades to 60dB or 10 bits of
accuracy.
Note 16: Recovers to specified performance after (
±20V) input
overvoltage for the LTC1605-1 and
±15V for the LTC1605-2.
TI I G CHARACTERISTICS
POWER REQUIRE E TS
range, otherwise specifications are at TA = 25°C. (Note 5)
range, otherwise specifications are at TA = 25°C. (Note 5)


Similar Part No. - LTC1605-1IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
More results

Similar Description - LTC1605-1IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605ACG LINER-LTC1605ACG Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
LTC1605 LINER-LTC1605_15 Datasheet
339Kb / 16P
   16-Bit, 100ksps, Sampling ADC
LTC1605 LINER-LTC1605 Datasheet
490Kb / 16P
   16-Bit, 100ksps, Sampling ADC
logo
Maxim Integrated Produc...
MAX1134 MAXIM-MAX1134 Datasheet
353Kb / 18P
   16-Bit ADCs, 150ksps, 3.3V Single Supply
19-2464; Rev 0; 4/02
logo
Texas Instruments
ADS8528, TI1-ADS8528,_16 Datasheet
1Mb / 57P
[Old version datasheet]   16-Bit, 8-Channel, Simultaneous Sampling ADCs
logo
Analog Devices
AD7884 AD-AD7884 Datasheet
319Kb / 16P
   LC2MOS 16-Bit, High Speed Sampling ADCs
REV. C
logo
Linear Integrated Syste...
LTC1274ISW LINEAR-LTC1274ISW Datasheet
221Kb / 20P
   12-Bit, 10mW, 100ksps ADCs with 1A Shutdown
logo
Analog Devices
AD7884 AD-AD7884_15 Datasheet
262Kb / 16P
   LC MOS 16-Bit, High Speed Sampling ADCs
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com