Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1588 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1588
Description  12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1588 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1588 Datasheet HTML 5Page - Linear Technology LTC1588 Datasheet HTML 6Page - Linear Technology LTC1588 Datasheet HTML 7Page - Linear Technology LTC1588 Datasheet HTML 8Page - Linear Technology LTC1588 Datasheet HTML 9Page - Linear Technology LTC1588 Datasheet HTML 10Page - Linear Technology LTC1588 Datasheet HTML 11Page - Linear Technology LTC1588 Datasheet HTML 12Page - Linear Technology LTC1588 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1588/LTC1589/LTC1592
1588992fa
OPERATIO
Serial Interface
When the CS/LD is brought to a logic low, the data on the
SDI input is loaded into the shift register on the rising edge
of the clock. A 4-bit command word (C3 C2 C1 C0),
followed by four “don’t care” bits and 16 data bits
(MSB-first) is the minimum loading sequence required for
the LTC1588/LTC1589/LTC1592. When the CS/LD is
brought to a logic high, the clock is disabled internally and
the command word is executed.
If no daisy-chaining is required, the input stream can be
24-bit wide as shown in Figure 1a. The first four bits are the
command word, followed by four “don’t care” bits, then a
16-bit data word. The last four bits (LSBs) of this 16-bit
data word are don’t cares for the LTC1588. For the
LTC1589, the last 2 bits of the 16-bit data word are don’t
cares.
If daisy-chaining is required or the input needs to be
written in two 16-bit wide segments, then the input stream
must be 32-bit wide and the first 8 bits loaded are “don’t
care” bits. The remaining bits work the same as a 24-bit
stream which is described in the previous paragraph. The
output of the internal 32-bit shift register is available on the
SDO pin 32 clock cycles later.
Multiple LTC1588/LTC1589/LTC1592s may be daisy-
chained together by connecting the SDO pin to the SDI pin
of the next IC. The clock and CS/LD signals should remain
common to all ICs in the daisy-chain. The serial data is
clocked to all ICs, then the CS/LD signal is pulled high to
update all of them simultaneously.
Power-On Reset and Clear
When the power supply is first turned on, the LTC1588/
LTC1589/LTC1592 will power up in 5V unipolar mode (C3
C2 C1 C0 = 1000). All the internal registers are set to zeros
and the DAC is set to zero code.
The LTC1588/LTC1589/LTC1592 must first be pro-
grammed in either unipolar or bipolar mode. There are six
operating modes available and can be software-pro-
grammed by the command word. When a CLR signal is
brought to low, it clears all internal registers to zero. The
DAC output voltage goes to zero volts. If an update DAC
command (C3 C2 C1 C0 = 0001) is issued immediately
after the CLR signal, the DAC output remains at zero volts.
If a CLR signal is given within a 100ns interval immediately
after CS/LD goes high, the user should reload the output
range.
Output Range Programming
There are two output ranges available in unipolar mode
and four output ranges available in bipolar mode. See
Function Table for details. All output ranges are with re-
spect to a 5V reference input. When changing the LTC1588/
LTC1589/LTC1592 to a new mode, the command word
and data are given at the same time (24 or 32 bit). When
C3
COMMAND
DON’T CARE
DATA (16 BITS)
C2
C1
C0
X
X
X
X
D13
D14
D15
D12 D11 D10 D9
D8
D7 D6
D5
D4
D3
D2
D1 D0
1588992 TD2
MSB
LSB
C3
COMMAND
DON’T CARE
DATA (14 BITS + 2 DON’T-CARE BITS)
C2
C1
C0
X
X
X
X
D13 D12 D11 D10 D9
D8
D7 D6
D5
D4
D3
D2
D1 D0
X
X
1588992 TD3
MSB
LSB
C3
COMMAND
DON’T CARE
DATA (12 BITS + 4 DON’T-CARE BITS)
C2
C1
C0
X
X
X
X
D11 D10 D9
D8
D7 D6
D5
D4
D3
D2
D1 D0
X
X
XX
1588992 TD4
MSB
LSB
INPUT WORD (LTC1592)
INPUT WORD (LTC1589)
INPUT WORD (LTC1588)


Similar Part No. - LTC1588

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1588 LINEAR-LTC1588 Datasheet
272Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Technology
LTC1588 LINER-LTC1588 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC1588 LINER-LTC1588 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC1588 LINER-LTC1588 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Integrated Syste...
LTC1588CG LINEAR-LTC1588CG Datasheet
272Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results

Similar Description - LTC1588

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1592 LINER-LTC1592_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Integrated Syste...
LTC1588 LINEAR-LTC1588 Datasheet
272Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Technology
LTC1589 LINER-LTC1589_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com