Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCUT1200 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. TCUT1200
Description  Subminiature Dual Channel Optical Sensor with Phototransistor Output
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

TCUT1200 Datasheet(HTML) 4 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TCUT1200
Vishay Telefunken
www.vishay.com
4 (9)
Rev. A7, 01–Jun–99
Document Number 83755
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0.1
1.0
10.0
100.0
1000.0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF – Forward Voltage ( V )
13660
Figure 3. Forward Current vs. Forward Voltage
0
0.020
0.040
0.060
0.080
0.100
0.120
0.140
0.160
0.180
–40
–20
0
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
13662
IF=15mA
IC=50mA
Figure 4. Collector Emitter Saturation Voltage vs.
Ambient Temperature
VCE=5V
0.001
0.010
0.100
1.000
10.000
0.1
1.0
10.0
100.0
IF – Forward Current ( mA )
13665
Figure 5. Collector Current vs. Forward Current
0.8
0.9
1.0
1.1
1.2
1.3
–40
–20
0
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
13661
IF=15mA
Figure 6. Forward Voltage vs. Ambient Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
–40
–20
0
20
40
60
80
100
Tamb – Ambient Temperature ( °C )
13663
VCE=5V
IF=5mA
IF=15mA
Figure 7. Collector Current vs. Ambient Temperature
1
10
100
1000
10000
0
102030 405060 708090 100
Tamb – Ambient Temperature ( °C )
96 11875
VCE=10V
IF=0
Figure 8. Collector Dark Current vs. Ambient Temperature


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn