Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1563-2IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1563-2IGN
Description  Active RC, 4th Order Lowpass Filter Family
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1563-2IGN Datasheet(HTML) 5 Page - Linear Technology

  LTC1563-2IGN Datasheet HTML 1Page - Linear Technology LTC1563-2IGN Datasheet HTML 2Page - Linear Technology LTC1563-2IGN Datasheet HTML 3Page - Linear Technology LTC1563-2IGN Datasheet HTML 4Page - Linear Technology LTC1563-2IGN Datasheet HTML 5Page - Linear Technology LTC1563-2IGN Datasheet HTML 6Page - Linear Technology LTC1563-2IGN Datasheet HTML 7Page - Linear Technology LTC1563-2IGN Datasheet HTML 8Page - Linear Technology LTC1563-2IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1563-2/LTC1563-3
156323fa
TYPICAL PERFOR A CE CHARACTERISTICS
Output Voltage Swing High vs
Load Resistance
Output Voltage Swing High vs
Load Resistance
Output Voltage Swing High vs
Load Resistance
Output Voltage Swing Low vs
Load Resistance
Output Voltage Swing Low vs
Load Resistance
Output Voltage Swing Low vs
Load Resistance
THD + Noise vs Input Voltage
THD + Noise vs Input Voltage
THD + Noise vs Input Voltage
LOAD RESISTANCE—LOAD TO GROUND (
Ω)
100
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1k
10k
100k
1563 G01
VS = SINGLE 3.3V
LP MODE
HS MODE
LOAD RESISTANCE—LOAD TO GROUND (
Ω)
100
5.5
5.0
4.5
4.0
3.5
3.0
2.5
1k
10k
100k
1563 G02
HS MODE
LP MODE
VS = SINGLE 5V
LOAD RESISTANCE—LOAD TO GROUND (
Ω)
100
5.5
5.0
4.5
4.0
3.5
3.0
2.5
1k
10k
100k
1563 G03
HS MODE
LP MODE
VS = ±5V
LOAD RESISTANCE—LOAD TO GROUND (
Ω)
100
0.025
0.020
0.015
0.010
0.005
0
1k
10k
100k
1563 G04
HS MODE
LP MODE
VS = SINGLE 3.3V
LOAD RESISTANCE—LOAD TO GROUND (
Ω)
100
0.025
0.020
0.015
0.010
0.005
0
1k
10k
100k
1563 G05
HS MODE
LP MODE
VS = SINGLE 5V
LOAD RESISTANCE—LOAD TO GROUND (
Ω)
100
–4.3
–4.4
–4.5
–4.6
–4.7
–4.8
–4.9
–5.0
1k
10k
100k
1563 G06
VS = ± 5V
HS MODE
LP MODE
INPUT VOLTAGE (VP-P)
0.1
–40
–50
–60
–70
–80
–90
–100
110
1563 G07
3.3V SUPPLY
5V SUPPLY
±5V SUPPLY
fC = 25.6kHz
LOW POWER MODE
fIN = 5kHz
INPUT VOLTAGE (VP-P)
0.1
–40
–50
–60
–70
–80
–90
–100
110
1563 G08
3.3V SUPPLY
5V SUPPLY
±5V SUPPLY
fC = 25.6kHz
HIGH SPEED MODE
fIN = 5kHz
INPUT VOLTAGE (VP-P)
0.1
–40
–50
–60
–70
–80
–90
–100
110
1563 G09
3.3V SUPPLY
5V SUPPLY
±5V SUPPLY
fC = 256kHz
HIGH SPEED MODE
fIN = 50kHz


Similar Part No. - LTC1563-2IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1563-2IGN LINER-LTC1563-2IGN Datasheet
146Kb / 12P
   Active RC, 4th Order Lowpass Filter Family
More results

Similar Description - LTC1563-2IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1563-2 LINER-LTC1563-2_15 Datasheet
317Kb / 20P
   Active RC, 4th Order Lowpass Filter Family
LTC1563-2 LINER-LTC1563-2 Datasheet
146Kb / 12P
   Active RC, 4th Order Lowpass Filter Family
LTC1563-3 LINER-LTC1563-3_15 Datasheet
317Kb / 20P
   Active RC, 4th Order Lowpass Filter Family
logo
National Semiconductor ...
MF4 NSC-MF4 Datasheet
466Kb / 14P
   MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
logo
Linear Technology
LTC1062 LINER-LTC1062_15 Datasheet
201Kb / 16P
   5th Order Lowpass Filter
LTC1062 LINER-LTC1062 Datasheet
824Kb / 11P
   5th Order Lowpass Filter
LTC1062 LINER-LTC1062_09 Datasheet
191Kb / 16P
   5th Order Lowpass Filter
logo
National Semiconductor ...
LMF90 NSC-LMF90 Datasheet
411Kb / 22P
   4th-Order Elliptic Notch Filter
logo
KR Electronics, Inc.
2195 KR-2195 Datasheet
31Kb / 1P
   Active Lowpass Filter
2364 KR-2364 Datasheet
23Kb / 1P
   Active Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com