Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1558CS-5 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1558CS-5
Description  Backup Battery Controller with Programmable Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1558CS-5 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1558CS-5 Datasheet HTML 4Page - Linear Technology LTC1558CS-5 Datasheet HTML 5Page - Linear Technology LTC1558CS-5 Datasheet HTML 6Page - Linear Technology LTC1558CS-5 Datasheet HTML 7Page - Linear Technology LTC1558CS-5 Datasheet HTML 8Page - Linear Technology LTC1558CS-5 Datasheet HTML 9Page - Linear Technology LTC1558CS-5 Datasheet HTML 10Page - Linear Technology LTC1558CS-5 Datasheet HTML 11Page - Linear Technology LTC1558CS-5 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1558-3.3/LTC1558-5
APPLICATIONS INFORMATION
Overview
The LTC1558 is a versatile backup battery control system
designed to provide all the functions necessary to imple-
ment a complete, highly integrated backup system within
a single chip. It allows the system to maintain its rated
supply voltage during backup, offering maximum system
design flexibility. The LTC1558 allows the use of a low cost
rechargeable NiCd cell for backup, eliminating the need for
expensive, replaceable 4.5V lithium backup cells.
The LTC1558 includes an onboard boost converter de-
signed to generate an adjustable voltage (3V to 10V) from
a single 1.2V NiCd cell. This voltage is connected to the
system’s DC/DC converter input, enabling the system to
continue operation when the main battery fails. A “smart”
recharging circuit uses an accumulating gas gauge to
measure the charge extracted from the backup battery
during a backup cycle. This measured charge is then
replaced in a fast recharge cycle, without wasting excess
power or overcharging the backup cell. An externally
adjustable trickle charge circuit maintains the cell charge
after the fast charge cycle has completed, minimizing
drain from the main battery during standby.
Included in the LTC1558 is a complete backup circuit that
monitors the main system power and automatically
switches in the backup circuit as the primary power supply
falls away (due to a weak or disconnected main battery).
The LTC1558 also performs VCC supervisory functions
during normal system operations. An LTC1558-3.3 moni-
tors a 3.3V supply voltage at its VCC pin whereas an
LTC1558-5 monitors a 5V supply at its VCC pin. In both
cases, the LTC1558 derives power for the majority of the
internal circuitry (except for the boost converter) from the
VCC pin. Table 1 shows the signal conditions for the
LTC1558’s various operating modes. Note that VCC in
Table 1 refers to the rated VCC voltage, 3.3V or 5V.
Boost Converter Operation
The LTC1558 uses an onboard synchronous boost con-
verter with a fixed peak current architecture that provides
a simple and flexible system solution while eliminating the
need for conventional frequency compensation. The boost
converter’s output, set by the external divider connected
to the FB pin, supports the main system regulator during
Figure 1. Typical LTC1558 Connection
+
BOOST
CONVERTER
TO SYSTEM REGULATOR INPUT
LTC1588
R1
FB
MAIN
BATTERY
CIN
R2
1558 F01
BACKUP
LOGIC
VREF
VBAK
BACKUP
backup. It can supply a minimum backup power of
100mW. The boost converter operates in a modified pulse
skipping mode; each switch cycle transfers a known
amount of charge from the backup cell to the regulated
output. This prevents uncontrolled discharge of the backup
cell and allows the LTC1558 to accurately measure the
charge removed from the backup cell by counting the
charge pulses.
The LTC1558 enters backup mode when the main battery
voltage drops. As shown in Figure 1, the main battery
voltage is scaled down by an external resistor divider and
fed to the LTC1558’s backup comparators. These com-
pare the scaled voltage with an internal trimmed VREF
(1.272V), switching the LTC1558 into backup mode
when VFB drops 7.5% below VREF. Upon entering backup
mode, the BACKUP pin is asserted and the internal boost
converter turns on. The BACKUP signal is used to turn off
the external P-channel MOSFET, isolating the main bat-
tery from the LTC1558 and the system regulator’s input.
The LTC1558’s boost converter will charge the input
capacitor CIN of the system regulator until VFB rises
above (VREF – 7.5%).
Table 1
OPERATING MODES
CONDITIONS
UVLO Reset
1V < VCC < VCC (Rated Value) – 9%
or VBAT < 0.9V
Pushbutton Reset
VCTL < 250mV
UVLO Reset Recovery
VCC > VCC (Rated Value) – 6%
Backup Mode Activation
VFB < (VREF – 7.5%)
Backup Mode Exit
VFB > (VREF – 6%)
Boost Converter Activation
VFB < (VREF – 7.5%)
Boost Converter Deactivation
VFB > (VREF – 7.5%)


Similar Part No. - LTC1558CS-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1558 LINER-LTC1558 Datasheet
214Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC1558-3.3 LINER-LTC1558-3.3_15 Datasheet
259Kb / 20P
   Backup Battery Controller with Programmable Output
LTC1558-5 LINER-LTC1558-5_15 Datasheet
259Kb / 20P
   Backup Battery Controller with Programmable Output
More results

Similar Description - LTC1558CS-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1558-3.3 LINER-LTC1558-3.3_15 Datasheet
259Kb / 20P
   Backup Battery Controller with Programmable Output
LTC1558-5 LINER-LTC1558-5_15 Datasheet
259Kb / 20P
   Backup Battery Controller with Programmable Output
LTC1559-3.3 LINER-LTC1559-3.3_15 Datasheet
252Kb / 20P
   Backup Battery Controller with Fixed Output
LTC1559-5 LINER-LTC1559-5_15 Datasheet
252Kb / 20P
   Backup Battery Controller with Fixed Output
LTC1559-3.3 LINER-LTC1559-3.3 Datasheet
252Kb / 20P
   Backup Battery Controller with Fixed Output
logo
Maxim Integrated Produc...
MAX16023 MAXIM-MAX16023 Datasheet
269Kb / 17P
   Battery-Backup Circuits with Regulated Output Voltage
Rev 0; 8/08
MAX20094 MAXIM-MAX20094 Datasheet
1Mb / 32P
   Backup Battery Charger and Boost Controller
2020
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
   Backup Battery Charger
logo
Rohm
BA6129AF ROHM-BA6129AF Datasheet
108Kb / 9P
   Reset IC with battery backup function
logo
ON Semiconductor
NCS32100 ONSEMI-NCS32100 Datasheet
915Kb / 29P
   Inductive Position Sensor with Battery Backup
November, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com