Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCDT1124G Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCDT1124G
Description  Optocoupler with Phototransistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCDT1124G Datasheet(HTML) 3 Page - Vishay Siliconix

  TCDT1124G Datasheet HTML 1Page - Vishay Siliconix TCDT1124G Datasheet HTML 2Page - Vishay Siliconix TCDT1124G Datasheet HTML 3Page - Vishay Siliconix TCDT1124G Datasheet HTML 4Page - Vishay Siliconix TCDT1124G Datasheet HTML 5Page - Vishay Siliconix TCDT1124G Datasheet HTML 6Page - Vishay Siliconix TCDT1124G Datasheet HTML 7Page - Vishay Siliconix TCDT1124G Datasheet HTML 8Page - Vishay Siliconix TCDT1124G Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TCDT1120/ TCDT1120G
Document Number 83532
Rev. 1.6, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Output
Coupler
Current Transfer Ratio
Maximum Safety Ratings
(according to DIN EN 60747-5-2(VDE0884)/ DIN EN 60747-5-5 pending) see figure 1
This optocoupler is suitable for safe electrical isolation only within the safety ratings.
Compliance with the safety ratings shall be ensured by means of suitable protective circuits.
Input
Output
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector base voltage
IC = 100 µAVCBO
90
V
Collector emitter voltage
IC = 1 mA
VCEO
90
V
Emitter collector voltage
IE = 100 µAVECO
7V
Collector-emitter cut-off current
VCE = 20 V, If = 0
ICEO
150
nA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector emitter saturation
voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA,
RL = 100 Ω
fc
110
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
IC/IF
VCE = 5 V, IF = 1 mA
TCDT1120
TCDT1120G
CTR
10
%
TCDT1122
TCDT1122G
CTR
15
%
TCDT1123
TCDT1123G
CTR
30
%
TCDT1124
TCDT1124G
CTR
60
%
VCE = 5 V, IF = 10 mA
TCDT1120
TCDT1120G
CTR
40
%
TCDT1122
TCDT1122G
CTR
63
125
%
TCDT1123
TCDT1123G
CTR
100
200
%
TCDT1124
TCDT1124G
CTR
160
320
%
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward current
IF
130
mA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Power dissipation
Pdiss
265
mW


Similar Part No. - TCDT1124G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCDT1100 VISHAY-TCDT1100 Datasheet
139Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCDT1100 VISHAY-TCDT1100 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
TCDT1100G VISHAY-TCDT1100G Datasheet
139Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCDT1100G VISHAY-TCDT1100G Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
TCDT1100 VISHAY-TCDT1100_08 Datasheet
154Kb / 9P
   Optocoupler, Phototransistor Output
Rev. 1.6, 16-May-08
More results

Similar Description - TCDT1124G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com