Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1458LCG Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1458LCG
Description  Quad 12-Bit Rail-to-RailvMicropower DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1458LCG Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1458LCG Datasheet HTML 4Page - Linear Technology LTC1458LCG Datasheet HTML 5Page - Linear Technology LTC1458LCG Datasheet HTML 6Page - Linear Technology LTC1458LCG Datasheet HTML 7Page - Linear Technology LTC1458LCG Datasheet HTML 8Page - Linear Technology LTC1458LCG Datasheet HTML 9Page - Linear Technology LTC1458LCG Datasheet HTML 10Page - Linear Technology LTC1458LCG Datasheet HTML 11Page - Linear Technology LTC1458LCG Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1458/LTC1458L
PACKAGE DESCRIPTION Dimensions in inches (millimeters) unless otherwise noted.
G Package
28-Lead Plastic SSOP (0.209)
(LTC DWG # 05-08-1640)
G28 SSOP 1098
0.13 – 0.22
(0.005 – 0.009)
0
° – 8°
0.55 – 0.95
(0.022 – 0.037)
5.20 – 5.38**
(0.205 – 0.212)
7.65 – 7.90
(0.301 – 0.311)
12 3
4
5
6 7 8
9 10 11 12
14
13
10.07 – 10.33*
(0.397 – 0.407)
25
26
22 21 20 19 18 17 16 15
23
24
27
28
1.73 – 1.99
(0.068 – 0.078)
0.05 – 0.21
(0.002 – 0.008)
0.65
(0.0256)
BSC
0.25 – 0.38
(0.010 – 0.015)
NOTE: DIMENSIONS ARE IN MILLIMETERS
DIMENSIONS DO NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.152mm (0.006") PER SIDE
DIMENSIONS DO NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.254mm (0.010") PER SIDE
*
**


Similar Part No. - LTC1458LCG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1458LCG LINER-LTC1458LCG Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
More results

Similar Description - LTC1458LCG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1458L LINER-LTC1458L_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC2609 LINER-LTC2609_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2609 LINER-LTC2609 Datasheet
318Kb / 20P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2609 LINER-LTC2609_09 Datasheet
251Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2619 LINER-LTC2619_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2629 LINER-LTC2629_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC1454L LINER-LTC1454L_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com