Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCET1100 Datasheet(PDF) 2 Page - Vishay Siliconix

Part No. TCET1100
Description  Optocoupler with Phototransistor Output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCET1100 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCET1100 Datasheet HTML 1Page - Vishay Siliconix TCET1100 Datasheet HTML 2Page - Vishay Siliconix TCET1100 Datasheet HTML 3Page - Vishay Siliconix TCET1100 Datasheet HTML 4Page - Vishay Siliconix TCET1100 Datasheet HTML 5Page - Vishay Siliconix TCET1100 Datasheet HTML 6Page - Vishay Siliconix TCET1100 Datasheet HTML 7Page - Vishay Siliconix TCET1100 Datasheet HTML 8Page - Vishay Siliconix TCET1100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TCET110.(G) up to TCET4100
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
2 (11)
Document Number 83503
Rev. A6, 08–Sep–99
Order Instruction
Ordering Code
CTR Ranking
Remarks
TCET1100/ TCET1100G1)
50 to 600%
4 Pin = Single channel
TCET1101/ TCET1101G1)
40 to 80%
4 Pin = Single channel
TCET1102/ TCET1102G1)
63 to 125%
4 Pin = Single channel
TCET1103/ TCET1103G1)
100 to 200%
4 Pin = Single channel
TCET1104/ TCET1104G1)
160 to 320%
4 Pin = Single channel
TCET1105/ TCET1105G1)
50 to 150%
4 Pin = Single channel
TCET1106/ TCET1106G1)
100 to 300%
4 Pin = Single channel
TCET1107/ TCET1107G1)
80 to 160%
4 Pin = Single channel
TCET1108/ TCET1108G1)
130 to 260%
4 Pin = Single channel
TCET1109/ TCET1109G1)
200 to 400%
4 Pin = Single channel
TCET2100
50 to 600%
8 Pin = Dual channel
TCET4100
50 to 600%
16 Pin = Quad channel
1) G = Leadform 10.16 mm; G is not marked on the body
Features
Approvals:
D BSI: BS EN 41003, BS EN 60095 (BS 415),
BS EN 60950 (BS 7002),
Certificate number 7081 and 7402
D FIMKO (SETI): EN 60950,
Certificate number 11027
D Underwriters Laboratory (UL) 1577 recognized,
file number E-76222 – Double Protection
D CSA (C-UL) 1577 recognized
file number E- 76222 - Double Protection
D VDE 0884, Certificate number 115667
VDE 0884 related features:
D Rated impulse voltage (transient overvoltage)
VIOTM = 8 kV peak
D Isolation test voltage
(partial discharge test voltage) Vpd = 1.6 kV
D Rated isolation voltage (RMS includes DC)
VIOWM = 600 VRMS (848 V peak)
D Rated recurring peak voltage (repetitive)
VIORM = 600 VRMS
D Creepage current resistance according
to VDE 0303/IEC 112
Comparative Tracking Index: CTI
≥ 175
D Thickness through insulation ≥ 0.75 mm
D Internal creepage distance > 4 mm
General features:
D CTR offered in 9 groups
D Isolation materials according to UL94-VO
D Pollution degree 2
(DIN/VDE 0110 / resp. IEC 664)
D Climatic classification 55/100/21 (IEC 68 part 1)
D Special construction:
Therefore, extra low coupling capacity of
typical 0.2 pF, high Common Mode Rejection
D Low temperature coefficient of CTR
D G = Leadform 10.16 mm;
provides creepage distance > 8 mm,
for TCET2100/ TCET4100 optional;
suffix letter ‘G’ is not marked on the optocoupler
D Coupling System U


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn