Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCDT1120 Datasheet(PDF) 4 Page - Vishay Siliconix

Part No. TCDT1120
Description  Optocoupler with Phototransistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCDT1120 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCDT1120 Datasheet HTML 1Page - Vishay Siliconix TCDT1120 Datasheet HTML 2Page - Vishay Siliconix TCDT1120 Datasheet HTML 3Page - Vishay Siliconix TCDT1120 Datasheet HTML 4Page - Vishay Siliconix TCDT1120 Datasheet HTML 5Page - Vishay Siliconix TCDT1120 Datasheet HTML 6Page - Vishay Siliconix TCDT1120 Datasheet HTML 7Page - Vishay Siliconix TCDT1120 Datasheet HTML 8Page - Vishay Siliconix TCDT1120 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number 83532
Rev. 1.6, 26-Oct-04
TCDT1120/ TCDT1120G
Vishay Semiconductors
Coupler
Insulation Rated Parameters
Switching Characteristics
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Rated impulse voltage
VIOTM
6kV
Safety temperature
Tsi
150
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Partial discharge test voltage -
Routine test
100 %, ttest = 1 s
Vpd
1.6
kV
Partial discharge test voltage -
Lot test (sample test)
tTr = 60 s, ttest = 10 s,
(see figure 2)
VIOTM
6kV
Vpd
1.3
kV
Insulation resistance
VIO = 500 V
RIO
1012
VIO = 500 V, Tamb ≤ 100 °C
RIO
1011
VIO = 500 V, Tamb ≤ 150 °C
(construction test only)
RIO
109
Figure 1. Derating diagram
0
50
100
150
200
250
300
0
25
50
75
100 125 150 175 200
Tamb(°C )
95 10934
Psi (mW)
Isi (mA)
Figure 2. Test pulse diagram for sample test according to DIN EN
60747-5-2(VDE0884)/ DIN EN 60747-; IEC60747
t
13930
t1, t2 = 1 to 10 s
t3, t4 = 1 s
ttest = 10 s
tstres = 12 s
VIOTM
VPd
VIOWM
VIORM
0
t1
ttest
tTr = 60 s
tstres
t3
t4
t2
Parameter
Current
Delay
Rise time
Storage
Fall time
Turn-on
time
Turn-off
time
Turn-on
time
Turn-off
time
Test condition
VS = 5 V, RL = 100 Ω
(see figure 3)
VS = 5 V, RL = 1 kΩ
(see figure 4)
Symbol
IF
tD
tr
tS
tf
ton
toff
ton
toff
Unit
mA
µs
µs
µs
µs
µs
µs
µs
µs
TCDT1120
TCDT1120G
10
2.5
3.0
0.3
3.7
5.5
4.0
16.5
22.5
10
2.5
3.0
0.3
3.7
5.5
4.0
16.5
22.5
TCDT1123
TCDT1123G
10
2.8
4.2
0.3
4.7
7.0
5.0
21.5
37.5
TCDT1124
TCDT1124G
10
2.0
4.0
0.3
4.7
6.0
5.0
20.0
50.0


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn