Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1419IG Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1419IG
Description  14-Bit, 800ksps Sampling A/D Converter with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1419IG Datasheet(HTML) 4 Page - Linear Technology

  LTC1419IG Datasheet HTML 1Page - Linear Technology LTC1419IG Datasheet HTML 2Page - Linear Technology LTC1419IG Datasheet HTML 3Page - Linear Technology LTC1419IG Datasheet HTML 4Page - Linear Technology LTC1419IG Datasheet HTML 5Page - Linear Technology LTC1419IG Datasheet HTML 6Page - Linear Technology LTC1419IG Datasheet HTML 7Page - Linear Technology LTC1419IG Datasheet HTML 8Page - Linear Technology LTC1419IG Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1419
1419fb
Note 6: Linearity, offset and full-scale specifications apply for a single-
ended +AIN input with – AIN grounded.
Note 7: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 8: Bipolar offset is the offset voltage measured from – 0.5LSB
when the output code flickers between 0000 0000 0000 00 and
1111 1111 1111 11.
Note 9: Guaranteed by design, not subject to test.
Note 10: Recommended operating conditions.
Note 11: The falling edge of CONVST starts a conversion. If CONVST
returns high at a critical point during the conversion it can create small
errors. For best performance ensure that CONVST returns high either
within 650ns after the start of the conversion or after BUSY rises.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PDIS
Power Dissipation
150
240
mW
Nap Mode
SHDN = 0V, CS = 0V
7.5
12
mW
Sleep Mode
SHDN = 0V, CS = 5V
1.2
mW
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE(MAX)
Maximum Sampling Frequency
800
kHz
tCONV
Conversion Time
950
1150
ns
tACQ
Acquisition Time
90
300
ns
tACQ + CONV
Acquisition + Conversion Time
1040
1250
ns
t1
CS to RD Setup Time
(Notes 9, 10)
0ns
t2
CS
↓ to CONVST↓ Setup Time
(Notes 9, 10)
40
ns
t3
CS
↓ to SHDN↓ Setup Time
(Notes 9, 10)
40
ns
t4
SHDN
↑ to CONVST↓ Wake-Up Time (Note 10)
400
ns
t5
CONVST Low Time
(Notes 10, 11)
40
ns
t6
CONVST to BUSY Delay
CL = 25pF
20
ns
50
ns
t7
Data Ready Before BUSY
20
50
ns
15
ns
t8
Delay Between Conversions
(Note 10)
40
ns
t9
Wait Time RD
↓ After BUSY↑
(Note 9)
–5
ns
t10
Data Access Time After RD
CL = 25pF
15
25
ns
35
ns
CL = 100pF
20
35
ns
50
ns
t11
Bus Relinquish Time
10
20
ns
0
°C ≤ TA ≤ 70°C
25
ns
–40
°C ≤ TA ≤ 85°C
30
ns
t12
RD Low Time
t10
ns
t13
CONVST High Time
40
ns
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliabilty and lifetime.
Note 2: All voltage values are with respect to ground with DGND and
AGND wired together unless otherwise noted.
Note 3: When these pin voltages are taken below VSS or above VDD, they
will be clamped by internal diodes. This product can handle input currents
greater than 100mA below VSS or above VDD without latchup.
Note 4: When these pin voltages are taken below VSS, they will be clamped
by internal diodes. This product can handle input currents greater than
100mA below VSS without latchup. These pins are not clamped
to VDD.
Note 5: VDD = 5V, VSS = – 5V, fSAMPLE = 800kHz, tr = tf = 5ns unless
otherwise specified.
The
denotes specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 5)
POWER REQUIRE E TS
The
denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 5)
TI I G CHARACTERISTICS


Similar Part No. - LTC1419IG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1419IG LINER-LTC1419IG Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
More results

Similar Description - LTC1419IG

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS1419 AUSTIN-AS1419 Datasheet
1,010Kb / 20P
   14 Bit, 800ksps Sampling A/D Converter with Shutdown
logo
Linear Technology
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_15 Datasheet
269Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409 Datasheet
408Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409_15 Datasheet
353Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278_15 Datasheet
289Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279_15 Datasheet
285Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278 Datasheet
329Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com