Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1419ACSW Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1419ACSW
Description  14-Bit, 800ksps Sampling A/D Converter with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1419ACSW Datasheet(HTML) 3 Page - Linear Technology

  LTC1419ACSW Datasheet HTML 1Page - Linear Technology LTC1419ACSW Datasheet HTML 2Page - Linear Technology LTC1419ACSW Datasheet HTML 3Page - Linear Technology LTC1419ACSW Datasheet HTML 4Page - Linear Technology LTC1419ACSW Datasheet HTML 5Page - Linear Technology LTC1419ACSW Datasheet HTML 6Page - Linear Technology LTC1419ACSW Datasheet HTML 7Page - Linear Technology LTC1419ACSW Datasheet HTML 8Page - Linear Technology LTC1419ACSW Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1419
1419fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Positive Supply Voltage
(Note 10)
4.75
5.25
V
VSS
Negative Supply Voltage
(Note 10)
– 4.75
– 5.25
V
IDD
Positive Supply Current
11
20
mA
Nap Mode
SHDN = 0V, CS = 0V
1.5
mA
Sleep Mode
SHDN = 0V, CS = 5V
250
µA
ISS
Negative Supply Current
19
30
mA
Nap Mode
SHDN = 0V, CS = 0V
100
µA
Sleep Mode
SHDN = 0V, CS = 5V
1
µA
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
S/(N + D)
Signal-to-(Noise + Distortion) Ratio
100kHz Input Signal
78
81.5
dB
390kHz Input Signal
80.0
dB
THD
Total Harmonic Distortion
100kHz Input Signal, First 5 Harmonics
–93
–86
dB
390kHz Input Signal, First 5 Harmonics
– 86
dB
SFDR
Spurious Free Dynamic Range
100kHz Input Signal
–95
–86
dB
IMD
Intermodulation Distortion
fIN1 = 29.37kHz, fIN2 = 32.446kHz
– 86
dB
Full-Power Bandwidth
20
MHz
Full-Linear Bandwidth
S/(N + D)
≥ 77dB
1
MHz
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VREF Output Voltage
IOUT = 0
2.480
2.500
2.520
V
VREF Output Tempco
IOUT = 0
±15
ppm/
°C
VREF Line Regulation
4.75V
≤ VDD ≤ 5.25V, –5.25 ≤ VSS ≤ –4.75V
0.05
LSB/V
VREF Output Resistance
– 0.1mA
IOUT≤ 0.1mA
2
k
REFCOMP Output Voltage
IOUT = 0
4.06
V
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VDD = 5.25V
2.4
V
VIL
Low Level Input Voltage
VDD = 4.75V
0.8
V
IIN
Digital Input Current
VIN = 0V to VDD
±10
µA
CIN
Digital Input Capacitance
5pF
VOH
High Level Output Voltage
VDD = 4.75V
IO = – 10µA
4.5
V
IO = – 200µA
4.0
V
VOL
Low Level Output Voltage
VDD = 4.75V
IO = 160µA
0.05
V
IO = 1.6mA
0.10
0.4
V
IOZ
Hi-Z Output Leakage D13 to D0
VOUT = 0V to VDD, CS High
±10
µA
COZ
Hi-Z Output Capacitance D13 to D0
CS High (Note 9 )
15
pF
ISOURCE
Output Source Current
VOUT = 0V
– 10
mA
ISINK
Output Sink Current
VOUT = VDD
10
mA
The
denotes specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 5)
DY A IC ACCURACY
(Note 5)
I TER AL REFERE CE CHARACTERISTICS
The
denotes specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 5)
DIGITAL I PUTS A D DIGITAL OUTPUTS
The
denotes specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 5)
POWER REQUIRE E TS


Similar Part No. - LTC1419ACSW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1419ACSW LINER-LTC1419ACSW Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
More results

Similar Description - LTC1419ACSW

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS1419 AUSTIN-AS1419 Datasheet
1,010Kb / 20P
   14 Bit, 800ksps Sampling A/D Converter with Shutdown
logo
Linear Technology
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_15 Datasheet
269Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409 Datasheet
408Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409_15 Datasheet
353Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278_15 Datasheet
289Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279_15 Datasheet
285Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278 Datasheet
329Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com