Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTBGV Datasheet(PDF) 7 Page - Linear Technology

Part # LTBGV
Description  Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTBGV Datasheet(HTML) 7 Page - Linear Technology

Back Button LTBGV Datasheet HTML 3Page - Linear Technology LTBGV Datasheet HTML 4Page - Linear Technology LTBGV Datasheet HTML 5Page - Linear Technology LTBGV Datasheet HTML 6Page - Linear Technology LTBGV Datasheet HTML 7Page - Linear Technology LTBGV Datasheet HTML 8Page - Linear Technology LTBGV Datasheet HTML 9Page - Linear Technology LTBGV Datasheet HTML 10Page - Linear Technology LTBGV Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC1407-1/LTC1407A-1
14071f
PSSR vs Frequency
Output Match with Simultaneous
Input Steps at CH0 and CH1 from
25
TIME (ns)
–5
6144
8192
10240
10
20
14071 G17
4096
2048
0
05
15
12288
14336
16384
25
CH0 AND CH1
RISING
CH0
CH1
CH0 AND CH1
FALLING
FREQUENCY (Hz)
110
–50
–45
–40
–35
–30
100
1k
10k
100k
1M
14071 G18
–55
–60
–65
–70
–25
Differential and Integral Linearity
vs Conversion Rate
SINAD vs Conversion Rate
CONVERSION RATE (MSPS)
2
2
5
6
4
14071 G12
1
0
–4
2.5 2.75
2.25
3
3.25 3.5 3.75
–2
8
7
4
3
–1
–3
MAX INL
MAX DNL
MIN DNL
MIN INL
CONVERSION RATE (Msps)
2
2.5
3
3.5
4
68
69
71
72
73
78
75
14071 G13
70
76
77
74
EXTERNAL VREF = 3.3V, fIN ~ fS/3
EXTERNAL VREF = 3.3V, fIN ~ fS/40
INTERNAL VREF = 2.5V, fIN ~ fS/3
INTERNAL VREF = 2.5V, fIN ~ fS/40
Full-Scale Signal Frequency
Response
CMRR vs Frequency
Crosstalk vs Frequency
VDD = 3V, TA = 25°C (LTC1407-1/LTC1407A-1)
FREQUENCY (Hz)
1M
10M
100M
1G
–18
–12
–6
0
14071 G14
–24
–30
–36
6
12
FREQUENCY (Hz)
–80
–40
0
–100
–60
–20
100
1k
14071 G15
–120
10k
100k
1M
10M
100M
CH0
CH1
FREQUENCY (Hz)
–70
–50
–20
–80
–60
–40
–30
100
1k
10k
100k
1M
10M
14071 G16
–90
CH0 TO CH1
CH1 TO CH0
VDD = 3V, TA = 25°C. Single ended signals drive
+CH0/+CH1 with –CH0/–CH1 = 1.5V DC, differential signals drive both inputs with VCM = 1.5V DC (LTC1407A-1)
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTBGV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTBGB LINER-LTBGB Datasheet
225Kb / 8P
   Inverting 1.2MHz/2.7MHz DC/DC Converters with Integrated Schottky in ThinSOT
LTBGP LINER-LTBGP Datasheet
416Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTBGQ LINER-LTBGQ Datasheet
416Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTBGR LINER-LTBGR Datasheet
416Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTBGS LINER-LTBGS Datasheet
416Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
More results

Similar Description - LTBGV

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1407-1 LINER-LTC1407-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A LINER-LTC1407A_15 Datasheet
403Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com