Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCDT1100 Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. TCDT1100
Description  Optocoupler with Phototransistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCDT1100 Datasheet(HTML) 5 Page - Vishay Siliconix

  TCDT1100 Datasheet HTML 1Page - Vishay Siliconix TCDT1100 Datasheet HTML 2Page - Vishay Siliconix TCDT1100 Datasheet HTML 3Page - Vishay Siliconix TCDT1100 Datasheet HTML 4Page - Vishay Siliconix TCDT1100 Datasheet HTML 5Page - Vishay Siliconix TCDT1100 Datasheet HTML 6Page - Vishay Siliconix TCDT1100 Datasheet HTML 7Page - Vishay Siliconix TCDT1100 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TCDT1100(G) Series
Vishay Telefunken
Rev. A3, 11–Jan–99
212
Switching Characteristics
Parameter
Test Conditions
Symbol
Typ.
Unit
Delay time
VS = 5 V, IC = 5 mA, RL = 100 W (see figure 3)
td
4.0
ms
Rise time
S
C
L
(g
)
tr
7.0
ms
Fall time
tf
6.7
ms
Storage time
ts
0.3
ms
Turn-on time
ton
11.0
ms
Turn-off time
toff
7.0
ms
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 kW (see figure 4)
ton
25.0
ms
Turn-off time
S
F
L
(g
)
toff
42.5
ms
0
95 10900
IF
IF
+ 5 V
IC = 5 mA; Adjusted trough
input amplitude
Channel I
Channel II
Oscilloscope
RL 1 MW
CL 20 pF
100
W
50
W
RG = 50 W
tp = 50 ms
tp
T +
0.01
Figure 3. Test circuit, non-saturated operation
+ 5 V
IF = 10 mA
I
F
0
95 10843
RG = 50 W
tp = 50 ms
tp
T +
0.01
1 k
W
50
W
IC
Channel I
Channel II
Oscilloscope
RL 1 MW
CL 20 pF
Figure 4. Test circuit, saturated operation
tp
t
t
0
0
10%
90%
100%
tr
td
ton
ts
tf
toff
IF
IC
96 11698
tp
pulse dura-
tion
td
delay time
tr
rise time
ton (= td + tr)
turn-on time
ts
storage time
tf
fall time
toff (= ts + tf)
turn-off time
Figure 5. Switching times


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn