Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TCDT1100 Datasheet(PDF) 6 Page - Vishay Siliconix

Part No. TCDT1100
Description  Optocoupler with Phototransistor Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCDT1100 Datasheet(HTML) 6 Page - Vishay Siliconix

  TCDT1100 Datasheet HTML 1Page - Vishay Siliconix TCDT1100 Datasheet HTML 2Page - Vishay Siliconix TCDT1100 Datasheet HTML 3Page - Vishay Siliconix TCDT1100 Datasheet HTML 4Page - Vishay Siliconix TCDT1100 Datasheet HTML 5Page - Vishay Siliconix TCDT1100 Datasheet HTML 6Page - Vishay Siliconix TCDT1100 Datasheet HTML 7Page - Vishay Siliconix TCDT1100 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TCDT1100(G) Series
Vishay Telefunken
Rev. A3, 11–Jan–99
213
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
50
100
150
200
250
300
0
40
80
120
Tamb – Ambient Temperature (
°C)
96 11700
Coupled device
Phototransistor
IR-diode
Figure 6. Total Power Dissipation vs.
Ambient Temperature
0.1
1.0
10.0
100.0
1000.0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF – Forward Voltage ( V )
96 11862
Figure 7. Forward Current vs. Forward Voltage
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–30 –20 –10 0
10 20 30 40 50 60 70 80
Tamb – Ambient Temperature ( °C
)
96 11920
VCE=5V
IF=10mA
Figure 8. Relative Current Transfer Ratio vs.
Ambient Temperature
025
50
75
1
10
100
1000
10000
Tamb – Ambient Temperature ( °C )
100
95 11026
VCE=20V
IF=0
Figure 9. Collector Dark Current vs.
Ambient Temperature
0.1
1
10
0.1
1
10
100
VCE – Collector Emitter Voltage ( V )
100
95 11054
5mA
2mA
1mA
IF=50mA
20mA
10mA
Figure 10. Collector Current vs. Collector Emitter Voltage
110
0
0.2
0.4
0.6
0.8
1.0
IC – Collector Current ( mA )
100
95 11055
CTR=50%
20%
10%
Figure 11. Collector Emitter Saturation Voltage vs.
Collector Current


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn