Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1408CUH-12 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1408CUH-12
Description  6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1408CUH-12 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1408CUH-12 Datasheet HTML 5Page - Linear Technology LTC1408CUH-12 Datasheet HTML 6Page - Linear Technology LTC1408CUH-12 Datasheet HTML 7Page - Linear Technology LTC1408CUH-12 Datasheet HTML 8Page - Linear Technology LTC1408CUH-12 Datasheet HTML 9Page - Linear Technology LTC1408CUH-12 Datasheet HTML 10Page - Linear Technology LTC1408CUH-12 Datasheet HTML 11Page - Linear Technology LTC1408CUH-12 Datasheet HTML 12Page - Linear Technology LTC1408CUH-12 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LTC1408-12
140812f
BLOCK DIAGRA
2
OGND
1
SD0
3
OVDD
3V
+
4
5
24
23
S & H
+
7
6
9
12 13
16
19
8
S & H
GND
EXPOSED PAD
VREF
10
µF
CH0
CH0+
CH1
CH1+
+
10
11
S & H
+
14
15
S & H
CH2
CH2+
CH3
CH3+
+
17
18
S & H
+
20
21
S & H
CH4
CH4+
CH5
CH5+
10
µF
0.1
µF
DGND
32
SCK
30
CONV
SEL2 SEL1 SEL0
THREE-
STATE
SERIAL
OUTPUT
PORT
MUX
2.5V
REFERENCE
TIMING
LOGIC
VCC
25
3V
VDD
1408 BD
600ksps
12-BIT ADC
12-BIT LATCH 5
12-BIT LATCH 4
12-BIT LATCH 3
12-BIT LATCH 2
12-BIT LATCH 1
12-BIT LATCH 0
26
27
BIP
29
28
31
22
33
0.1
µF


Similar Part No. - LTC1408CUH-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1408CUH LINER-LTC1408CUH Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
More results

Similar Description - LTC1408CUH-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1408-12 LINER-LTC1408-12_15 Datasheet
281Kb / 20P
   6 Channel, 12-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408 LINER-LTC1408_15 Datasheet
506Kb / 20P
   6 Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12 Datasheet
278Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC2351-12 LINER-LTC2351-12_15 Datasheet
235Kb / 20P
   6 Channel, 12-Bit, 1.5Msps Simultaneous Sampling ADC With Shutdown
LTC2351-14 LINER-LTC2351-14_15 Datasheet
244Kb / 20P
   6-Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
   Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279_15 Datasheet
285Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com