Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1407IMSE-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1407IMSE-1
Description  Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1407IMSE-1 Datasheet(HTML) 4 Page - Linear Technology

  LTC1407IMSE-1 Datasheet HTML 1Page - Linear Technology LTC1407IMSE-1 Datasheet HTML 2Page - Linear Technology LTC1407IMSE-1 Datasheet HTML 3Page - Linear Technology LTC1407IMSE-1 Datasheet HTML 4Page - Linear Technology LTC1407IMSE-1 Datasheet HTML 5Page - Linear Technology LTC1407IMSE-1 Datasheet HTML 6Page - Linear Technology LTC1407IMSE-1 Datasheet HTML 7Page - Linear Technology LTC1407IMSE-1 Datasheet HTML 8Page - Linear Technology LTC1407IMSE-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
LTC1407-1/LTC1407A-1
14071f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE(MAX)
Maximum Sampling Frequency per Channel
q
1.5
MHz
(Conversion Rate)
tTHROUGHPUT
Minimum Sampling Period (Conversion + Acquisiton Period)
q
667
ns
tSCK
Clock Period
(Note 16)
q
19.6
10000
ns
tCONV
Conversion Time
(Note 6)
32
34
SCLK cycles
t1
Minimum Positive or Negative SCLK Pulse Width
(Note 6)
2
ns
t2
CONV to SCK Setup Time
(Notes 6, 10)
3
ns
t3
SCK Before CONV
(Note 6)
0
ns
t4
Minimum Positive or Negative CONV Pulse Width
(Note 6)
4
ns
t5
SCK to Sample Mode
(Note 6)
4
ns
t6
CONV to Hold Mode
(Notes 6, 11)
1.2
ns
t7
32nd SCK
↑ to CONV↑ Interval (Affects Acquisition Period)
(Notes 6, 7, 13)
45
ns
t8
Minimum Delay from SCK to Valid Bits 0 Through 11
(Notes 6, 12)
8
ns
t9
SCK to Hi-Z at SDO
(Notes 6, 12)
6
ns
t10
Previous SDO Bit Remains Valid After SCK
(Notes 6, 12)
2
ns
t12
VREF Settling Time After Sleep-to-Wake Transition
(Notes 6, 14)
2
ms
The q denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. With internal reference, VDD = 3V.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Supply Voltage
2.7
3.6
V
IDD
Supply Current
Active Mode, fSAMPLE = 1.5Msps
q
4.7
7.0
mA
Nap Mode
q
1.1
1.5
mA
Sleep Mode (LTC1407)
2.0
15
µA
Sleep Mode (LTC1407A)
2.0
10
µA
PD
Power Dissipation
Active Mode with SCK in Fixed State (Hi or Lo)
12
mW
POWER REQUIRE E TS
The q denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VDD = 3V.
TI I G CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to ground GND.
Note 3: When these pins are taken below GND or above VDD, they will be
clamped by internal diodes. This product can handle input currents greater
than 100mA below GND or greater than VDD without latchup.
Note 4: Offset and range specifications apply for a single-ended CH0+ or
CH1+ input with CH0or CH1grounded and using the internal 2.5V
reference.
Note 5: Integral linearity is tested with an external 2.55V reference and is
defined as the deviation of a code from the straight line passing through
the actual endpoints of a transfer curve. The deviation is measured from
the center of quantization band.
Note 6: Guaranteed by design, not subject to test.
Note 7: Recommended operating conditions.
Note 8: The analog input range is defined for the voltage difference
between CH0+ and CH0or CH1+ and CH1. Performance is specified with
CHO= 1.5V DC while driving CHO+ and with CH1= 1.5V DC while
driving CH1+.
Note 9: The absolute voltage at CH0+, CH0, CH1+ and CH1must be
within this range.
Note 10: If less than 3ns is allowed, the output data will appear one clock
cycle later. It is best for CONV to rise half a clock before SCK, when
running the clock at rated speed.
Note 11: Not the same as aperture delay. Aperture delay (1ns) is the
difference between the 2.2ns delay through the sample-and-hold and the
1.2ns CONV to Hold mode delay.
Note 12: The rising edge of SCK is guaranteed to catch the data coming
out into a storage latch.
Note 13: The time period for acquiring the input signal is started by the
32nd rising clock and it is ended by the rising edge of CONV.
Note 14: The internal reference settles in 2ms after it wakes up from Sleep
mode with one or more cycles at SCK and a 10
µF capacitive load.
Note 15: The full power bandwidth is the frequency where the output code
swing drops by 3dB with a 2.5VP-P input sine wave.
Note 16: Maximum clock period guarantees analog performance during
conversion. Output data can be read with an arbitrarily long clock period.
Note 17: The LTC1407A-1 is measured and specified with 14-bit
Resolution (1LSB = 152
µV) and the LTC1407-1 is measured and specified
with 12-bit Resolution (1LSB = 610
µV).
Note 18: The sampling capacitor at each input accounts for 4.1pF of the
input capacitance.
Note 19: Full-scale sinewaves are fed into the noninverting inputs while
the inverting inputs are kept at 1.5V DC.


Similar Part No. - LTC1407IMSE-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1407IMSE LINER-LTC1407IMSE Datasheet
443Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
More results

Similar Description - LTC1407IMSE-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1407-1 LINER-LTC1407-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A LINER-LTC1407A_15 Datasheet
403Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407A-1 LINER-LTC1407A-1_15 Datasheet
513Kb / 26P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling ADCs with Shutdown
LTC1407 LINER-LTC1407 Datasheet
443Kb / 24P
   Serial 12-Bit/14-Bit, 3Msps Simultaneous Sampling Simultaneous Sampling
LTC2355-12 LINER-LTC2355-12_15 Datasheet
285Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2356-14 LINER-LTC2356-14_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC1403A-1 LINER-LTC1403A-1_15 Datasheet
653Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC1403 LINER-LTC1403_15 Datasheet
240Kb / 20P
   Serial 12-Bit/14-Bit, 2.8Msps Sampling ADCs with Shutdown
LTC2356-12 LINER-LTC2356-12_15 Datasheet
362Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
LTC2355-12 LINER-LTC2355-12 Datasheet
244Kb / 16P
   Serial 12-Bit/14-Bit, 3.5Msps Sampling ADCs with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com