Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10048P3L-001 Datasheet(PDF) 1 Page - Emerson Network Power

Part No. AD10048P3L-001
Description  Universal ac input
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  EMERSON-NETWORKPOWER [Emerson Network Power]
Homepage  http://www.emersonnetworkpower.com
Logo 

AD10048P3L-001 Datasheet(HTML) 1 Page - Emerson Network Power

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 11.07.08_125
AD10048P3L-001
1 of 2
Embedded Power for
Business-Critical Continuity
AD10048P3L-001
100 Watts
Special Features
• Activepowerfactorcorrection
• EN6100-3-2compliant
• CEMarkEMC&LVD
• Universalacinput
• Fullyregulatedoutput
• Overcurrent,overvoltage
and thermal protection
• Constantvoltage
• Highefficiency
• HighMTBF
• IEC320acreceptacle,3pin
(typeC6)
• BuiltinEMIfilter
• (CISPR22ClassB)
• ACInputfuse
• ComplieswithOneWattInput
EnergyStar/BlueAngel
requirement
• POEisolationonoutput
Total Power:
100 Watts
Input Voltage:
90-264Vac
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange:
90-264Vac(widerange)
Frequency:
47-63Hz
Inrushcurrent:
40Amaximum@264VAC,coldstart25°C
Inputcurrent:
1.8Amaximum
Efficiency:
90% typical
EMI/RFI:
FCCPart15,SubpartBClassB&EN55022(CISPR22)Class-B
Safetyground
leakagecurrent:
3.5mAmaximum@50/60Hz,264VACinput
Output
MaximumPower(Po):
100 W
Hold-uptime:
10ms.minimumatfullload@115Vac
Overvoltageprotection: 53-60V
Latchingtype,recycleactoreset
Overcurrentprotection: Outputshortcircuitprotectionautorecover
Overloadprotection@110-120%abovemaximumrating
Thermalprotection:
105°Cto120°CTrippoint;outputwilllatchoff
Cable/connector:
DCcablelength2.5mmcenterplug
DCplugcenter+v
DCplugouter-v
UL
UL60950-1
CSA
CSA-C22.2no.60950-1
NEMKO EN/IEC60950-1
CB
Certificate and report
Operatingtemperature:
0°to+45°Cambient
Storagetemperature:
-40°Cto+70°C
Electromagnetic
susceptibility:
DesignedtomeetEN61000-4-2,-4,-5,level4;
EN61000-4-3,-6,10v/m;EN61000-4-8,-11;EN61000-3-3
andEN61000-3-2ClassA
Humidity:
Operating;non-condensing5%to90%RH
MTBFdemonstrated:
>300,000hoursatfullloadand25°Cambientconditions
EnvironmentalSpecifications
RoHS


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn