Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF4004 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SF4004
Description  Super Fast Soft Recovery Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SF4004 Datasheet(HTML) 2 Page - Vishay Siliconix

  SF4004 Datasheet HTML 1Page - Vishay Siliconix SF4004 Datasheet HTML 2Page - Vishay Siliconix SF4004 Datasheet HTML 3Page - Vishay Siliconix SF4004 Datasheet HTML 4Page - Vishay Siliconix SF4004 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SF4001...SF4007
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 24-Jun-98
2 (5)
Document Number 86060
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF =1A
SF4001–SF4004
VF
1
V
g
F
SF4005–SF4007
VF
1.7
V
Reverse current
VR=VRRM
IR
5
mA
VR=VRRM, Tj=125°C
IR
50
mA
Reverse breakdown
IR=100mA
SF4001
V(BR)R
50
V
voltage
R
m
SF4002
V(BR)R
100
V
SF4003
V(BR)R
200
V
SF4004
V(BR)R
400
V
SF4005
V(BR)R
600
V
SF4006
V(BR)R
800
V
SF4007
V(BR)R
1000
V
Reverse recovery
IF=0.5A, IR=1A, iR=0.25A
SF4001–SF4004
trr
50
ns
y
time
F
R
R
SF4005–SF4007
trr
75
ns
Characteristics (Tj = 25_C unless otherwise specified)
0
0
20
40
60
80
120
l – Lead Length ( mm )
94 9552
510
15
25
30
20
100
ll
TL=constant
Figure 1. Max. Thermal Resistance vs. Lead Length
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
20
40
60
80 100 120 140 160 180
Tamb – Ambient Temperature ( °C )
96 12130
VR =VRRM
f
v1kHz
RthJAv100K/W
PC Board
SF4001...SF4004
Figure 2. Max. Average Forward Current vs.
Ambient Temperature


Similar Part No. - SF4004

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SF4004 VISHAY-SF4004 Datasheet
120Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.8, 04-Aug-10
SF4004 VISHAY-SF4004 Datasheet
128Kb / 6P
   Ultra-Fast Avalanche Sinterglass Diode
Rev. 1.9, 11-Sep-12
logo
SUNMATE electronic Co.,...
SF4004 SUNMATE-SF4004 Datasheet
143Kb / 3P
   1A Axial Leaded Super Fast Soft Recovery Rectifier
logo
Vishay Siliconix
SF4004 VISHAY-SF4004 Datasheet
141Kb / 5P
   Ultra-Fast Avalanche Sinterglass Diode
01-Jan-2022
logo
Gulf Semiconductor
SF4004GP GULFSEMI-SF4004GP Datasheet
183Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.0A
More results

Similar Description - SF4004

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT44 VISHAY-BYT44 Datasheet
42Kb / 4P
   Super Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
SF5400 VISHAY-SF5400 Datasheet
51Kb / 5P
   Super Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
logo
SUNMATE electronic Co.,...
SF4001 SUNMATE-SF4001 Datasheet
143Kb / 3P
   1A Axial Leaded Super Fast Soft Recovery Rectifier
SF5400 SUNMATE-SF5400 Datasheet
166Kb / 2P
   3A Axial Leaded Super Fast Soft Recovery Rectifier
logo
Vishay Siliconix
BYT41 VISHAY-BYT41 Datasheet
44Kb / 4P
   Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
BYT42 VISHAY-BYT42 Datasheet
44Kb / 4P
   Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
logo
NXP Semiconductors
BYG85B PHILIPS-BYG85B Datasheet
66Kb / 12P
   Fast soft-recovery rectifier
1998 Nov 25
logo
Vishay Siliconix
S414D VISHAY-S414D Datasheet
36Kb / 3P
   Fast Soft Recovery Rectifier
Rev. 2, 24-Jun-98
logo
NXP Semiconductors
BYV1100 PHILIPS-BYV1100 Datasheet
64Kb / 12P
   Fast soft-recovery rectifier
1998 Dec 03
BYV98 PHILIPS-BYV98 Datasheet
56Kb / 8P
   Fast soft-recovery rectifier
1996 Jun 07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com