Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1385ISW Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1385ISW
Description  3.3V Low Power EIA/TIA-562 Transceiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1385ISW Datasheet(HTML) 8 Page - Linear Technology

  LTC1385ISW Datasheet HTML 1Page - Linear Technology LTC1385ISW Datasheet HTML 2Page - Linear Technology LTC1385ISW Datasheet HTML 3Page - Linear Technology LTC1385ISW Datasheet HTML 4Page - Linear Technology LTC1385ISW Datasheet HTML 5Page - Linear Technology LTC1385ISW Datasheet HTML 6Page - Linear Technology LTC1385ISW Datasheet HTML 7Page - Linear Technology LTC1385ISW Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
LTC1385
sn1385 1385fas
© LINEAR TECHNOLOGY CORPORATION 1994
LW/TP 1002 1K REV A • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7487
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
S18 (WIDE) 0502
NOTE 3
.447 – .463
(11.354 – 11.760)
NOTE 4
15
14
13
12
11
10
16
9
N/2
1
23
4
5
6
78
.394 – .419
(10.007 – 10.643)
17
18
N
.037 – .045
(0.940 – 1.143)
.004 – .012
(0.102 – 0.305)
.093 – .104
(2.362 – 2.642)
.050
(1.270)
BSC
.014 – .019
(0.356 – 0.482)
TYP
0
° – 8° TYP
NOTE 3
.009 – .013
(0.229 – 0.330)
.016 – .050
(0.406 – 1.270)
.291 – .299
(7.391 – 7.595)
NOTE 4
× 45°
.010 – .029
(0.254 – 0.737)
.420
MIN
.325
±.005
RECOMMENDED SOLDER PAD LAYOUT
.045
±.005
N
1
2
3
N/2
.050 BSC
.030
±.005
TYP
.005
(0.127)
RAD MIN
INCHES
(MILLIMETERS)
NOTE:
1. DIMENSIONS IN
2. DRAWING NOT TO SCALE
3. PIN 1 IDENT, NOTCH ON TOP AND CAVITIES ON THE BOTTOM OF PACKAGES ARE THE MANUFACTURING OPTIONS.
THE PART MAY BE SUPPLIED WITH OR WITHOUT ANY OF THE OPTIONS
4. THESE DIMENSIONS DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS.
MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED .006" (0.15mm)
PACKAGE DESCRIPTIO
SW Package
18-Lead Plastic Small Outline (Wide .300 Inch)
(Reference LTC DWG # 05-08-1620)
PART NUMBER
DESCRIPTION
COMMENTS
LT1780/LT1781
5V, 2 Driver, 2 Receiver RS232 Transceivers
±15kV ESD per IEC 1000-4
LTC1327
3.3V, 3 Driver, 5 Receiver RS562 Transceiver
300
µA Supply Current, 0.2µA in Shutdown
LTC1348
3.3V to 5V, 3 Driver, 5 Receiver RS232 Transceiver
True RS232 on 3.3V, 5 Receivers Active in Shutdown
LTC1382
5V, 2 Driver, 2 Receiver RS232 Transceiver
200
µA Supply Current, 0.2µA in Shutdown
LTC1383
5V, 2 Driver, 2 Receiver RS232 Transceiver
200
µA Supply Current, Narrow 16-Pin SO
LTC1384
5V, 2 Driver, 2 Receiver RS232 Transceiver
200
µA Supply Current, 2 Receivers Active in Shutdown
LTC1386
3.3V, 2 Driver, 2 Receiver RS562 Transceiver
200
µA Supply Current, Narrow 16-Pin SO
RELATED PARTS


Similar Part No. - LTC1385ISW

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTC1385ISW LINEAR_DIMENSIONS-LTC1385ISW Datasheet
223Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
More results

Similar Description - LTC1385ISW

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1385 LINER-LTC1385_15 Datasheet
213Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Dimensions Semic...
LTC1385IG-PBF LINEAR_DIMENSIONS-LTC1385IG-PBF Datasheet
223Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
logo
Linear Technology
LTC1385 LINER-LTC1385 Datasheet
216Kb / 8P
   3.3V Low Power EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327 Datasheet
223Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1327 LINER-LTC1327_15 Datasheet
204Kb / 8P
   3.3V Micropower EIA/TIA-562 Transceiver
LTC1350 LINER-LTC1350_15 Datasheet
122Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
LTC1350 LINER-LTC1350_1 Datasheet
117Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver
LTC1350 LINER-LTC1350 Datasheet
219Kb / 8P
   3.3V Low Power EIA/TIA-562 3-Driver/ 5-Receiver Transceiver
logo
Maxim Integrated Produc...
MAX560 MAXIM-MAX560 Datasheet
340Kb / 8P
   3.3V Transceiver with Wow EIA/TIA-562 Receivers Active in Shutdown
Rev 0; 5/92
MAX563 MAXIM-MAX563 Datasheet
70Kb / 8P
   3.3V-Powered, EIA/TIA-562 Dual Transceiver with Receivers Active in Shutdown
Rev 0; 10/93
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com