Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S974T Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. S974T
Description  MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S974T Datasheet(HTML) 3 Page - Vishay Siliconix

  S974T Datasheet HTML 1Page - Vishay Siliconix S974T Datasheet HTML 2Page - Vishay Siliconix S974T Datasheet HTML 3Page - Vishay Siliconix S974T Datasheet HTML 4Page - Vishay Siliconix S974T Datasheet HTML 5Page - Vishay Siliconix S974T Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
S974T/S974TR/S974TRW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
3 (6)
Document Number 85063
Electrical AC Characteristics
VDS = 9 V, VG2S = 4 V, ID = 12 mA, f = 1 MHz , Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max Unit
Forward transadmittance
y21s
28
35
mS
Gate 1 input capacitance
Cissg1
2.3
2.7
pF
Feedback capacitance
Crss
25
fF
Output capacitance
Coss
1.1
pF
Power gain
GS = 2 mS, GL = 0.5 mS, f = 200 MHz
Gps
28
dB
g
GS = 3,3 mS, GL = 1 mS, f = 800 MHz
Gps
17
21
dB
AGC range
VDS = 9 V, VG2S = 1 to 4 V, f = 800 MHz
DGps
45
dB
Noise figure
GS = 2 mS, GL = 0.5 mS, f = 200 MHz
F
1
dB
g
GS = 3,3 mS, GL = 1 mS, f = 800 MHz
F
1.3
dB


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn