Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S952T Datasheet(PDF) 1 Page - Vishay Siliconix

Part No. S952T
Description  MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S952T Datasheet(HTML) 1 Page - Vishay Siliconix

  S952T Datasheet HTML 1Page - Vishay Siliconix S952T Datasheet HTML 2Page - Vishay Siliconix S952T Datasheet HTML 3Page - Vishay Siliconix S952T Datasheet HTML 4Page - Vishay Siliconix S952T Datasheet HTML 5Page - Vishay Siliconix S952T Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S952T/S952TR/S952TRW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
1 (6)
Document Number 85062
MOSMIC® for TV–Tuner Prestage with 9 V Supply
Voltage
MOSMIC - MOS Monolithic Integrated Circuit
Electrostatic sensitive device.
Observe precautions for handling.
Applications
Low noise gain controlled input stages in UHF-and
VHF- tuner with 9 V supply voltage.
G2
G1
RF in
AGC
S
D
VDD
C block
RFC
RF out
94 9296
C block
C block
Features
D Easy Gate 1 switch-off with PNP switching tran-
sistors inside PLL
D High AGC-range with less steep slope
D Integrated gate protection diodes
D Low noise figure
D High gain
D Improved cross modulation at gain reduction
D SMD package
13 579
21
4
3
94 9279
S952T Marking: 952
Plastic case (SOT 143)
1 = Source, 2 = Drain, 3 = Gate 2, 4 = Gate 1
95 10831
2
1
43
94 9278
S952TR Marking: 52R
Plastic case (SOT 143R)
1 = Source, 2 = Drain, 3 = Gate 2, 4 = Gate 1
2
1
3
4
13 566
13 654
S952TRW Marking: W95
Plastic case (SOT 343R)
1 = Source, 2 = Drain, 3 = Gate 2, 4 = Gate 1


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn