Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S949T Datasheet(PDF) 5 Page - Vishay Siliconix

Part No. S949T
Description  MOSMIC for TV-Tuner Prestage with 9 V Supply Voltage
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S949T Datasheet(HTML) 5 Page - Vishay Siliconix

  S949T Datasheet HTML 1Page - Vishay Siliconix S949T Datasheet HTML 2Page - Vishay Siliconix S949T Datasheet HTML 3Page - Vishay Siliconix S949T Datasheet HTML 4Page - Vishay Siliconix S949T Datasheet HTML 5Page - Vishay Siliconix S949T Datasheet HTML 6Page - Vishay Siliconix S949T Datasheet HTML 7Page - Vishay Siliconix S949T Datasheet HTML 8Page - Vishay Siliconix S949T Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
S949T/S949TR/S949TRW
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
5 (9)
Document Number 85061
95 11155
–60
–40
–20
0
20
01
2
3
4
VG2S – Gate 2 Source Voltage ( V )
VDS=9V
f=800MHz
Figure 7. Transducer Gain vs. Gate 2 Source Voltage
95 11156
0
20
40
60
80
23
4
5
6
VG2S – Gate 2 Source Voltage ( V )
VDS=9V
f=800MHz
Figure 8. Cross Modulation vs. Gate 2 Source Voltage


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn